Electronic Components Datasheet Search
  English  ▼

X  

LTC6954 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6954
Description  Low Phase Noise, Triple Output Clock Distribution Divider/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6954 Datasheet(HTML) 2 Page - Linear Technology

  LTC6954 Datasheet HTML 1Page - Linear Technology LTC6954 Datasheet HTML 2Page - Linear Technology LTC6954 Datasheet HTML 3Page - Linear Technology LTC6954 Datasheet HTML 4Page - Linear Technology LTC6954 Datasheet HTML 5Page - Linear Technology LTC6954 Datasheet HTML 6Page - Linear Technology LTC6954 Datasheet HTML 7Page - Linear Technology LTC6954 Datasheet HTML 8Page - Linear Technology LTC6954 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc1954af
DEMO MANUAL DC1954A
Quick start proceDure
The DC1954A is easy to set up to evaluate the performance
of the LTC6954. Follow the procedure below.
The DC590 and LTC6954_GUI application are required to
control the DC1954A through a personal computer (PC).
DC590 Configuration
Place the DC590 jumpers in the following positions (refer
to Figure 2):
JP4: EE
Must be in the EN position.
JP5: ISO
ON must be selected.
JP5: SW
ON must be selected.
JP6: VCCIO 3.3V or 5V must be selected. This sets the
SPI port to 3.3V or 5V operation, 3.3V
operation is recommended.
Connect the DC590 to one of your computer’s USB ports
with the included USB cable.
LTC6954_GUI Installation
The LTC6954_GUI software is used to communicate with
the LTC6954. It uses the DC590 to translate between USB
and SPI-compatible serial communications formats. The
following are the LTC6954_GUI system requirements:
• Windows Operating System: Windows XP, Windows
2003 Server, Windows Vista, Windows 7
• Microsoft .NET 3.5 SP1 or later
• Windows Installer 3.1 or later
• Linear Technology’s DC590 hardware
Figure 2. DC590 Jumper and Connector Locations



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com