Electronic Components Datasheet Search
  English  ▼

X  

LTC6954 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6954
Description  Low Phase Noise, Triple Output Clock Distribution Divider/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6954 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6954 Datasheet HTML 2Page - Linear Technology LTC6954 Datasheet HTML 3Page - Linear Technology LTC6954 Datasheet HTML 4Page - Linear Technology LTC6954 Datasheet HTML 5Page - Linear Technology LTC6954 Datasheet HTML 6Page - Linear Technology LTC6954 Datasheet HTML 7Page - Linear Technology LTC6954 Datasheet HTML 8Page - Linear Technology LTC6954 Datasheet HTML 9Page - Linear Technology LTC6954 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc1954af
DEMO MANUAL DC1954A
parts list
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
2
17
C1-C10, C12, C13, C22-C24, C28, C29
CAP., X7R, 0.1µF, 10V, 10%, 0402
AVX, 0402ZC104KAT2A
3
1
C14
CAP., X7R, 1.0µF, 16V, 10%, 0603
AVX, 0603YC105KAT2A
4
9
C15, C17-C21, C25-C27
CAP., X7R, 0.01µF, 6.3V, 10%, 0201
MURATA, GRM033R70J103KA01D
5
1
C16
CAP., TANT, 22µF 10V, 3528
AVX, TPSB226K010R0400
6
3
E9, E12, E13
TURRET, 0.064"
MILL-MAX, 2308-2-00-80-00-00-07-0
7
2
E10, E11
TURRET, 0.094"
MILL-MAX, 2501-2-00-80-00-00-07-0
8
3
JP1, JP2, JP3
JMP, 3 PINS 2mm CTRS.
SAMTEC, TMM-103-02-L-S
9
8
J1-J6, J8, J9
CONN., SMA 50Ω EDGE-LAUNCH
EMERSON, 142-0701-851
10
1
J7
CONN, SMA STRAIGHT
CONNEX, 132134
11
2
J10, J11
JACK, BANANA
KEYSTONE, 575-4
12
1
J12
CONN., HEADER 14POS 2mm VERT GOLD
MOLEX, 87831-1420
13
6
R2, R4, R7, R9, R12, R14
RES., CHIP, 0Ω, 5% 0402
NIC, NRC04Z0TRF
14
0
R3, R5, R8, R10, R13, R15-R17, R19
RES., CHIP, 0402
OPT
15
2
R18, R20
RES., CHIP, 49.9Ω, 1/16W, 1%, 0402
NIC, NRC04F49R9TRF
16
5
R22, R35, R37-R39
RES., CHIP, 200k, 1/16W, 1%, 0402
NIC, NRC04F2003TRF
17
3
R23, R24, R25
RES., CHIP, 4.99k, 1/16W, 1%, 0402
NIC, NRC04F4991TRF
18
1
R26
RES., CHIP, 0Ω, 0603
NIC, NRC06Z0TRF
19
0
R27-R29, R30-R32
RES., CHIP, 0603
OPT
20
4
R33, R34, R36, R40
RES., CHIP, 100Ω, 1/16W, 5%, 0402
NIC, NRC04J101TRF
21
2
U2, U3
I.C., DUAL BUFFER, SC70-6
FAIRCHILD SEMI., NC7WZ17P6X
22
1
U4
I.C., DUAL TRANSCEIVER, SOT363
NXP, 74LVC1T45GW
23
1
U5
I.C., EEPROM 2KBIT 400KHZ 8TSSOP
MICROCHIP, 24LC025-I /ST
24
3
SHUNTS SHOWN ON ASSY DWG
SHUNT, 2mm CTRS.
SAMTEC, 2SN-BK-G
DC1954A-A Required Circuit Components
1
1
GENERAL BOM
2
0
R1, R6, R11
RES., CHIP, 0402
OPT
3
6
Z1, Z2, Z3, Z4, Z5, Z6
CAP., X7R, 0.1µF 16V, 10%, 0402
AVX, 0402YC104KAT2A
4
1
U1
I.C., QFN36UFF-4X7
LINEAR TECH., LTC6954IUFF-1#PBF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com