Electronic Components Datasheet Search
  English  ▼

X  

LB240S Datasheet(PDF) 4 Page - SL Power Electronics

Part # LB240S
Description  240W Single Output LED Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB240S Datasheet(HTML) 4 Page - SL Power Electronics

  LB240S Datasheet HTML 1Page - SL Power Electronics LB240S Datasheet HTML 2Page - SL Power Electronics LB240S Datasheet HTML 3Page - SL Power Electronics LB240S Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LB240S
240W Single Output LED Supply
www.slpower.com
LB240S56K REV 10.0
10-MAY-2015
Connector Information
Input Connector
J100
Ground
(FG)
DC Output Connector
J300
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
0.25” FASTON TAB
Term. 1,2,3: RTN
Term. 4,5,6: +Vout
Mating Connector:
AMP 640250-3
Pins: 640252-2
Mating Connector:
Molex 190020001
Mating Connector:
AMP 640250-6
Pins: 640252-2
Data Sheet © 2015 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com