Electronic Components Datasheet Search
  English  ▼

X  

LB240S Datasheet(PDF) 3 Page - SL Power Electronics

Part # LB240S
Description  240W Single Output LED Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB240S Datasheet(HTML) 3 Page - SL Power Electronics

  LB240S Datasheet HTML 1Page - SL Power Electronics LB240S Datasheet HTML 2Page - SL Power Electronics LB240S Datasheet HTML 3Page - SL Power Electronics LB240S Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LB240S
240W Single Output LED Supply
www.slpower.com
LB240S56K REV 10.0
10-MAY-2015
EMI/EMC Compliance
Conducted Emissions
EN55015 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55022 Class A, FCC Part 15, Subpart B, Class A
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, 100%, 10ms; 30%, 500ms; 60%, 100ms;
Performance
Criteria A, A, & A at 58% load.
Line Harmonic Emissions
EN61000-3-2, Class A, D
For Class C from 1W input power to full load
Flicker Test
EN61000-3-3, Complies (dmax<6%)
Mechanical Drawing
Notes
1. All dimensions in inches (mm), tolerances
are mentioned for each measurement
2. Mounting holes should be grounded for
EMI purposes.
3. FG is safety ground connection.
4. The power supply requires mounting on
Metal standoffs min. of 0.20” (5mm) in height
LB240SXXKH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com