Electronic Components Datasheet Search
  English  ▼

X  

LB240S Datasheet(PDF) 1 Page - SL Power Electronics

Part # LB240S
Description  240W Single Output LED Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB240S Datasheet(HTML) 1 Page - SL Power Electronics

  LB240S Datasheet HTML 1Page - SL Power Electronics LB240S Datasheet HTML 2Page - SL Power Electronics LB240S Datasheet HTML 3Page - SL Power Electronics LB240S Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LB240S
240W Single Output LED Supply
www.slpower.com
LB240S56K REV 10.0
10-MAY-2015
Features
3” x 5” x 1.3” Package
240 Watts
EN55015 Class B Conducted EMI
50°C Ambient Operation with 300 LFM
130 Watts @ 70C (Conduction Cooled)
190 Watts @ 60C (200 LFM)
160 Watts @ 70C (200 LFM)
Universal Input 90-264Vac
Meets IEC61000-3-2 Class C for 0% to 100% LED
Dimming Applications(1 Watt input power to full
load)
EN60950 2
nd Edition
Description
The LB240 model is the highest density conduction cooled power supply in a compact 3X5 package. Providing
240 Watts of power at 50°C ambient with 300 LFM airflow, the LB240 is designed to meet global lighting
requirements and has a built-in EMI filter to meet EN55015 class B.
Model Chart
Model*
Maximum
Output
Current
Minimum
Ripple &
Total
OVP
Number
Volts
(A)
Load
Noise**
Regulation
Threshold
LB240S56K
56V
4.29
0A
560mV pk-pk
±
±
±
±
3%
66V±
±
±
±
4V
LB240S48K
48V
5
0A
480mV pk-pk
±
±
±
±
3%
56V±
±
±
±
3V
LB240S24K
24V
10
0A
240mV pk-pk
±
±
±
±
3%
29V±
±
±
±
2.5V
* For Cold Plate cooling, add option H. Consult the factory for model number availability.
**Ripple is 800mV pk-pk @ -10°C
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1∅
Turn On Time
Less than 3 sec. @115Vac, Full Load
Input Current
Max. 115Vac:2.6A, 230Vac: 1.3A
Hold-up Time
12 mSec min, 115Vac/60Hz
Inrush Current
< 55A peak, 264Vac, cold start, turn on
at AC zero crossing
Overtemperature
Protection
Sensing transformer temperature, 165°C
latching type, requires input power
recycling to reset.
Input Fuse
5A, 250Vac fuse provided on all models
Overload
Protection
Hiccup Mode
Earth Leakage
Current
<500µA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery. A direct hard
short may latch off the converter; remove
AC input to reset.


Similar Part No. - LB240S

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LB2401 POLYFET-LB2401 Datasheet
97Kb / 2P
RF POWER LDMOS TRANSISTOR
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
240MHz SAW Filter 30MHz Bandwidth
LB240DS01 SIPAT-LB240DS01 Datasheet
152Kb / 3P
240MHz SAW Filter
logo
Seoul Semiconductor
LB240Z SEOUL-LB240Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LB240S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H Datasheet
486Kb / 6P
240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_12 Datasheet
373Kb / 6P
240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
240W Single Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
240W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com