Electronic Components Datasheet Search
  English  ▼

X  

DLP9000 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DLP9000
Description  ype A DMDs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9000 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DLP9000 Datasheet HTML 45Page - Texas Instruments DLP9000 Datasheet HTML 46Page - Texas Instruments DLP9000 Datasheet HTML 47Page - Texas Instruments DLP9000 Datasheet HTML 48Page - Texas Instruments DLP9000 Datasheet HTML 49Page - Texas Instruments DLP9000 Datasheet HTML 50Page - Texas Instruments DLP9000 Datasheet HTML 51Page - Texas Instruments DLP9000 Datasheet HTML 52Page - Texas Instruments DLP9000 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
DLP9000
www.ti.com
DLPS036A – SEPTEMBER 2014 – REVISED OCTOBER 2015
13.5 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
13.6 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
14 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
14.1 Thermal Characteristics
Achieving optimal DMD performance requires proper management of the maximum DMD case temperature, the
maximum temperature of any individual micromirror in the active array and the temperature gradient between
any two points on or within the package.
Refer to Absolute Maximum Ratings and Recommended Operating Conditions regarding applicable temperature
limits.
14.2 Package Thermal Resistance
The DMD is designed to conduct the absorbed and dissipated heat back to the series FLS package where it can
be removed by an appropriate thermal management system. The thermal management system must be capable
of maintaining the package within the specified operational temperatures at the thermal test point locations (refer
to Figure 15 or Micromirror Array Temperature Calculation). The total heat load on the DMD is typically driven by
the incident light absorbed by the active area; although other contributions can include light energy absorbed by
the window aperture, electrical power dissipation of the array, and parasitic heating. For the thermal resistance,
refer to Thermal Information.
14.3 Case Temperature
The temperature of the DMD case can be measured directly. For consistency, a thermal test point location is
defined as shown in Figure 15 and Micromirror Array Temperature Calculation.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: DLP9000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com