Electronic Components Datasheet Search
  English  ▼

X  

DLP9000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLP9000
Description  ype A DMDs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP9000 Datasheet HTML 9Page - Texas Instruments DLP9000 Datasheet HTML 10Page - Texas Instruments DLP9000 Datasheet HTML 11Page - Texas Instruments DLP9000 Datasheet HTML 12Page - Texas Instruments DLP9000 Datasheet HTML 13Page - Texas Instruments DLP9000 Datasheet HTML 14Page - Texas Instruments DLP9000 Datasheet HTML 15Page - Texas Instruments DLP9000 Datasheet HTML 16Page - Texas Instruments DLP9000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
DLP9000
www.ti.com
DLPS036A – SEPTEMBER 2014 – REVISED OCTOBER 2015
7.5 Thermal Information
DLP9000
THERMAL METRIC (1)
FLS (CLGA)
UNIT
355 PINS
RθJA
Active area-to-case ceramic thermal resistance (max)
0.5
°C/W
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package where it can be removed by an appropriate
heat sink. The heat sink and cooling system must be capable of maintaining the package within the temperature range specified in the
Recommended Operating Conditions. The total heat load on the DMD is largely driven by the incident light absorbed by the active area;
although other contributions include light energy absorbed by the window aperture and electrical power dissipation of the array. Optical
systems should be designed to minimize the light energy falling outside the window clear aperture since any additional thermal load in
this area can significantly degrade the reliability of the device. .
7.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VCC = 3 V, IOH = –20 mA
2.4
V
VOL
Low level output voltage
VCC = 3.6, IOL = 15 mA
0.4
V
IIH
High–level input current (2) (3)
VCC = 3.6 V , VI = VCC
250
µA
IlL
Low level input current
VCC = 3.6 V, VI = 0
–250
µA
IOZ
High–impedance output current
VCC = 3.6 V
10
µA
CURRENT
DLP9000FLS VCC = 3.6 V, DCLK=400MHz
1600
ICC
DLP9000XFLS VCC = 3.6V, DCLK=480MHz
1850
Supply current (4)
mA
DLP9000FLS VCCI = 3.6 V, DCLK=400MHz
985
ICCI
DLP9000XFLS VCCI = 3.6, DCLK=480MHz
1100
IOFFSET
VOFFSET = 8.75 V
25
Supply current (5)
mA
IBIAS
VBIAS = 16.5 V
14
IRESET
VRESET = –10.5 V
11
ITOTAL
Supply current
DLP9000FLS Total Sum
2634
mA
DLP9000XFLS Total Sum
3000
POWER
DLP9000FLS VCC = 3.6 V
5760
PCC
mW
DLP9000XFLS VCC = 3.6 V
6660
DLP9000FLS VCCI = 3.6 V
3546
PCCI
mW
Supply power dissipation
DLP9000XFLS VCCI = 3.6 V
3960
POFFSET
VOFFSET = 8.75 V
219
mW
PBIAS
VBIAS = 16.5 V
231
mW
PRESET
VRESET = –10.5 V
115
mW
Supply power dissipation (6)
DLP9000FLS Total Sum, DCLK=400MHz
9871
PTOTAL
mW
DLP9000XFLS Total Sum, DCLK=480MHz
11185
CAPACITANCE
CI
Input capacitance
ƒ = 1 MHz
10
pF
Output capacitance
ƒ = 1 MHz
10
pF
CO
Reset group capacitance
ƒ = 1 MHz ; 2560 × 50 micromirrors
230
290
pF
MBRST(31:0)
(1)
All voltages are referenced to common ground VSS. Supply voltages VCC, VCCI, VOFFSET, VBIAS, and VRESET are all required for
proper DMD operation. VSS must also be connected.
(2)
Applies to LVCMOS input pins only. Does not apply to LVDS pins and MBRST pins.
(3)
LVCMOS input pins utilize an internal 18000
Ω passive resistor for pull-up and pull-down configurations. Refer to Pin Configuration and
Functions to determine pull-up or pull-down configuration used.
(4)
To prevent excess current, the supply voltage delta |VCCI – VCC| must be less than specified limit.
(5)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(6)
Total power on the active micromirror array is the sum of the electrical power dissipation and the absorbed power from the illumination
source. See the Micromirror Array Temperature Calculation.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLP9000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com