Electronic Components Datasheet Search
  English  ▼

X  

DLPC3435 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3435
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3435 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC3435 Datasheet HTML 31Page - Texas Instruments DLPC3435 Datasheet HTML 32Page - Texas Instruments DLPC3435 Datasheet HTML 33Page - Texas Instruments DLPC3435 Datasheet HTML 34Page - Texas Instruments DLPC3435 Datasheet HTML 35Page - Texas Instruments DLPC3435 Datasheet HTML 36Page - Texas Instruments DLPC3435 Datasheet HTML 37Page - Texas Instruments DLPC3435 Datasheet HTML 38Page - Texas Instruments DLPC3435 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
x
x
x
x
x
x
x
x
x
x
x
DMD_LS_RDATA
DMD_LS_CLK
DMD_LS_WDATA
DMD_DEN_ARSTZ
DMD_HS_WDATA_B_N
DMD_HS_WDATA_B_P
DMD_HS_WDATA_C_N
DMD_HS_WDATA_C_P
600-MHz sub-LVDS DDR (High Speed)
DMD_HS_WDATA_D_N
DMD_HS_WDATA_D_P
DMD_HS_CLK_N
DMD_HS_CLK_P
DMD_HS_WDATA_E_N
DMD_HS_WDATA_E_P
DMD_HS_WDATA_F_N
DMD_HS_WDATA_F_P
DMD_HS_WDATA_G_N
DMD_HS_WDATA_G_P
DMD_HS_WDATA_H_N
DMD_HS_WDATA_H_P
DMD_HS_WDATA_A_N
DMD_HS_WDATA_A_P
Sub-LVDS-DMD
(Example DMD)
.2 WVGA
854 x 480 display
120-MHz SDR (Low Speed)
DLPC343x
ASIC
Leave Open for .2
WVGA DMD
Leave Open for .2
WVGA DMD
Leave Open for .2
WVGA DMD
Leave Open for .2
WVGA DMD
35
DLPC3430, DLPC3435
www.ti.com
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 19. DLP2010 (.2 WVGA) DMD Interface Example (Mapping Option 1 Shown)
8.3.10 DLPC343x System Design Consideration – Application Notes
System power regulation: It is acceptable for VDD_PLLD and VDD_PLLM to be derived from the same regulator
as the core VDD, but to minimize the AC noise component they should be filtered as recommended in the PCB
Layout Guidelines for Internal ASIC PLL Power.
8.3.11 Calibration and Debug Support
The DLPC343x contains a test point output port, TSTPT_(7:0), which provides selected system calibration
support as well as ASIC debug support. These test points are inputs while reset is applied and switch to outputs
when reset is released. The state of these signals is sampled upon the release of system reset and the captured
value configures the test mode until the next time reset is applied. Each test point includes an internal pulldown
resistor, thus external pullups must be used to modify the default test configuration. The default configuration
(x000) corresponds to the TSTPT_(7:0) outputs remaining tri-stated to reduce switching activity during normal
operation. For maximum flexibility, an option to jumper to an external pullup is recommended for TSTPT_(2:0).
Pullups on TSTPT_(6:3) are used to configure the ASIC for a specific mode or option. TI does not recommend
adding pullups to TSTPT_(7:3) because this has adverse affects for normal operation. This external pullup is only
sampled upon a 0-to-1 transition on the RESETZ input, thus changing their configuration after reset is released
will not have any effect until the next time reset is asserted and released. Table 8 defines the test mode selection
for one programmable scenario defined by TSTPT(2:0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com