Electronic Components Datasheet Search
  English  ▼

X  

DLPC3435 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3435
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3435 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DLPC3435 Datasheet HTML 45Page - Texas Instruments DLPC3435 Datasheet HTML 46Page - Texas Instruments DLPC3435 Datasheet HTML 47Page - Texas Instruments DLPC3435 Datasheet HTML 48Page - Texas Instruments DLPC3435 Datasheet HTML 49Page - Texas Instruments DLPC3435 Datasheet HTML 50Page - Texas Instruments DLPC3435 Datasheet HTML 51Page - Texas Instruments DLPC3435 Datasheet HTML 52Page - Texas Instruments DLPC3435 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
49
DLPC3430, DLPC3435
www.ti.com
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
11.1.10 Thermal Considerations
The underlying thermal limitation for the DLPC343x is that the maximum operating junction temperature (TJ) not
be exceeded (this is defined in the Recommended Operating Conditions). This temperature is dependent on
operating ambient temperature, airflow, PCB design (including the component layout density and the amount of
copper used), power dissipation of the DLPC343x, and power dissipation of surrounding components. The
DLPC343x’s package is designed primarily to extract heat through the power and ground planes of the PCB.
Thus, copper content and airflow over the PCB are important factors.
The recommended maximum operating ambient temperature (TA) is provided primarily as a design target and is
based on maximum DLPC343x power dissipation and RθJA at 0 m/s of forced airflow, where RθJA is the thermal
resistance of the package as measured using a glater test PCB with two, 1-oz power planes. This JEDEC test
PCB is not necessarily representative of the DLPC343x PCB; the reported thermal resistance may not be
accurate in the actual product application. Although the actual thermal resistance may be different, it is the best
information available during the design phase to estimate thermal performance. However, after the PCB is
designed and the product is built, TI highly recommended that thermal performance be measured and validated.
To do this, measure the top center case temperature under the worse case product scenario (max power
dissipation, max voltage, max ambient temperature) and validated not to exceed the maximum recommended
case temperature (TC). This specification is based on the measured φJT for the DLPC343x package and provides
a relatively accurate correlation to junction temperature. Take care when measuring this case temperature to
prevent accidental cooling of the package surface. TI recommends a small (approximately 40 gauge)
thermocouple. The bead and thermocouple wire should contact the top of the package and be covered with a
minimal amount of thermally conductive epoxy. The wires should be routed closely along the package and the
board surface to avoid cooling the bead through the wires.
11.2 Layout Example
Figure 26. Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com