Electronic Components Datasheet Search
  English  ▼

X  

TS1105 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TS1105
Description  Power Management Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS1105 Datasheet HTML 2Page - Silicon Laboratories TS1105 Datasheet HTML 3Page - Silicon Laboratories TS1105 Datasheet HTML 4Page - Silicon Laboratories TS1105 Datasheet HTML 5Page - Silicon Laboratories TS1105 Datasheet HTML 6Page - Silicon Laboratories TS1105 Datasheet HTML 7Page - Silicon Laboratories TS1105 Datasheet HTML 8Page - Silicon Laboratories TS1105 Datasheet HTML 9Page - Silicon Laboratories TS1105 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2.4.3 Total Load Current Accuracy
In the TS1105/06’s linear region where VOUT(min) < VOUT < VOUT(max), there are two specifications related to the circuit’s accuracy: a)
the TS1105/06 CSA’s input offset voltage (VOS(max) = 150 μV), b) the TS1105/06 CSA’s gain error (GE(max) = 1%). An expression for
the TS1105/06’s total error is given by:
VOUT = VBIAS + GAIN × (1 ± GE) × VSENSE ± (GAIN × VOS)
A large value for RSENSE permits the use of smaller load currents to be measured more accurately because the effects of offset voltag-
es are less significant when compared to larger VSENSE voltages. Due care though should be exercised as previously mentioned with
large values of RSENSE.
2.4.4 Circuit Efficiency and Power Dissipation
IR loses in RSENSE can be large especially at high load currents. It is important to select the smallest, usable RSENSE value to minimize
power dissipation and to keep the physical size of RSENSE small. If the external RSENSE is allowed to dissipate significant power, then
its inherent temperature coefficient may alter its design center value, thereby reducing load current measurement accuracy. Precisely
because the TS1105/06 CSA’s input stage was designed to exhibit a very low input offset voltage, small RSENSE values can be used to
reduce power dissipation and minimize local hot spots on the pcb.
2.4.5 RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large load currents, parasitic pcb track resistance should be minimized. Kelvin-sense
pcb connections between RSENSE and the TS1105/06’s RS+ and RS– terminals are strongly recommended. The drawing below illus-
trates the connections between the current-sense amplifier and the current-sense resistor. The pcb layout should be balanced and sym-
metrical to minimize wiring-induced errors. In addition, the pcb layout for RSENSE should include good thermal management techniques
for optimal RSENSE power dissipation.
Figure 2.4. Making PCB Connections to RSENSE
2.4.6 RSENSE Composition
Current-shunt resistors are available in metal film, metal strip, and wire-wound constructions. Wire-wound current-shunt resistors are
constructed with wire spirally wound onto a core. As a result, these types of current shunt resistors exhibit the largest self-inductance. In
applications where the load current contains high-frequency transients, metal film or metal strip current sense resistors are recommen-
ded.
2.4.7 Internal Noise Filter
In power management and motor control applications, current-sense amplifiers are required to measure load currents accurately in the
presence of both externally-generated differential and common-mode noise. An example of differential-mode noise that can appear at
the inputs of a current-sense amplifier is high-frequency ripple. High-frequency ripple (whether injected into the circuit inductively or ca-
pacitively) can produce a differential-mode voltage drop across the external current-shunt resistor, RSENSE. An example of externally-
generated, common-mode noise is the high-frequency output ripple of a switching regulator that can result in common-mode noise in-
jection into both inputs of a current-sense amplifier.
Even though the load current signal bandwidth is dc, the input stage of any current-sense amplifier can rectify unwanted, out-of-band
noise that can result in an apparent error voltage at its output. Against common-mode injection noise, the current-sense amplifier’s in-
ternal common-mode rejection ratio is 130 dB (typ).
To counter the effects of externally-injected noise, the TS1105-06 incorporates a 50 kHz (typ), 2nd-order differential low-pass filter as
shown in the TS1105-06’s block diagram, thereby eliminating the need for an external low-pass filter which can generate errors in the
offset voltage and the gain error.
TS1105/06 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com