Electronic Components Datasheet Search
  English  ▼

X  

TS1105 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # TS1105
Description  Power Management Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button TS1105 Datasheet HTML 6Page - Silicon Laboratories TS1105 Datasheet HTML 7Page - Silicon Laboratories TS1105 Datasheet HTML 8Page - Silicon Laboratories TS1105 Datasheet HTML 9Page - Silicon Laboratories TS1105 Datasheet HTML 10Page - Silicon Laboratories TS1105 Datasheet HTML 11Page - Silicon Laboratories TS1105 Datasheet HTML 12Page - Silicon Laboratories TS1105 Datasheet HTML 13Page - Silicon Laboratories TS1105 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Table 3.5. Absolute Maximum Limits
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RS+ Voltage
VRS+
–0.3
—
27
V
RS– Voltage
VRS–
–0.3
—
27
V
Supply Voltage
VDD
–0.3
—
6
V
OUT Voltage
VOUT
–0.3
—
6
V
SIGN Voltage (TS1106 Only)
VSIGN
–0.3
—
6
V
FILT Voltage
VFILT
–0.3
—
6
V
VBIAS Voltage
VVBIAS
–0.3
—
VDD + 0.3
V
RS+ to RS– Voltage
VRS+ – VRS–
—
—
27
V
Short Circuit Duration: OUT to GND
—
—
Continuous
Continuous Input Current (Any Pin)
–20
—
20
mA
Junction Temperature
—
—
150
°C
Storage Temperature Range
–65
—
150
°C
Lead Temperature (Soldering, 10 s)
—
—
300
°C
Soldering Temperature (Reflow)
—
—
260
°C
ESD Tolerance
Human Body Model
—
—
2000
V
Machine Model
—
—
200
V
TS1105/06 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com