Electronic Components Datasheet Search
  English  ▼

X  

TS1105 Datasheet(PDF) 15 Page - Silicon Laboratories

Part # TS1105
Description  Power Management Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button TS1105 Datasheet HTML 11Page - Silicon Laboratories TS1105 Datasheet HTML 12Page - Silicon Laboratories TS1105 Datasheet HTML 13Page - Silicon Laboratories TS1105 Datasheet HTML 14Page - Silicon Laboratories TS1105 Datasheet HTML 15Page - Silicon Laboratories TS1105 Datasheet HTML 16Page - Silicon Laboratories TS1105 Datasheet HTML 17Page - Silicon Laboratories TS1105 Datasheet HTML 18Page - Silicon Laboratories TS1105 Datasheet HTML 19Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
5. Pin Descriptions
TS1106
TS1105
Table 5.1. Pin Descriptions
Pin
Label
Function
1
SIGN
TS1106
Sign output. SIGN is HIGH for VRS+ > VRS– and LOW for VRS–>VRS+
NC
TS1105
No connection. Leave open.
2
VDD
External power supply pin. Connect this to the system’s VDD supply.
3
VBIAS
Bias voltage for CSA output. When VREF is activated, leave open.
4
GND
Ground. Connect to analog ground.
5
OUT
CSA buffered output. Connect to CIN–.
6
FILT
Inverting terminal of CSA Buffer. Connect a series RC Filter of 4 kΩ and 0.47 µF; otherwise,
leave open.
7
RS+
External Sense Resistor Power-Side Connection
8
RS–
External Sense Resistor Load-Side Connection
Exposed Pad
EPAD
Exposed backside paddle. For best electrical and thermal performance, solder to analog
ground.
TS1105/06 Data Sheet
Pin Descriptions
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com