Electronic Components Datasheet Search
  English  ▼

X  

TSM921 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM921 Datasheet(HTML) 1 Page - Silicon Laboratories

  TSM921 Datasheet HTML 1Page - Silicon Laboratories TSM921 Datasheet HTML 2Page - Silicon Laboratories TSM921 Datasheet HTML 3Page - Silicon Laboratories TSM921 Datasheet HTML 4Page - Silicon Laboratories TSM921 Datasheet HTML 5Page - Silicon Laboratories TSM921 Datasheet HTML 6Page - Silicon Laboratories TSM921 Datasheet HTML 7Page - Silicon Laboratories TSM921 Datasheet HTML 8Page - Silicon Laboratories TSM921 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TSM921-TSM924
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
♦ Ultra-Low Quiescent Current Over Temperature
TSM921/TSM922: 4
μA (total)
TSM923/TSM924: <2.5
μA per comparator
♦ Single or Dual Power Supplies:
Single: +2.5V to +11V
Dual: ±1.25V to ±5.5V
♦ Input Voltage Range Includes Negative Supply
♦ 12μs Propagation Delay at 10mV Overdrive
♦ Push-pull TTL/CMOS-Compatible Outputs
♦ Crowbar-Current-Free Switching
♦ Continuous Source Current Capability: 40mA
♦ Internal 1.182V ±1% Reference:
TSM921/TSM923/TSM924
♦ Adjustable Hysteresis: TSM921/TSM923
APPLICATIONS
Threshold Detectors
Window Comparator
Level Translators
Oscillator Circuits
Battery-Powered Systems
DESCRIPTION
The TSM921–TSM924 family of single/dual/quad,
low-voltage,
micropower
analog
comparators
is
electrically and form-factor identical to the MAX921-
MAX924 family of analog comparators. Ideal for 3V or
5V single-supply applications, the TSM921–TSM924
family can operate from single +2.5V to +11V
supplies or from ±1.25V to ±5.5V dual supplies. The
single TSM921 and the dual TSM922 draw less than
4
μA (max) supply current over temperature. The dual
TSM923 and the quad TSM924 draw less than 2.5
μA
per comparator over temperature.
All comparators in this family exhibit an input voltage
range from the negative supply rail to within 1.3V of
the positive supply. In addition, the comparators’
push-pull output stages are TTL/CMOS compatible
and capable of sinking and sourcing current. The
TSM921/TSM923/TSM924
each
incorporates
an
internal 1.182V ±1% voltage reference. Without
complicated
feedback
configurations
and
only
requiring two additional resistors, adding external
hysteresis via a separate pin is available on the single
TSM921 and the dual TSM923.
Ultra-Low-Power, Single/Dual-Supply Comparators
TYPICAL APPLICATION CIRCUIT
A 5V, Low-Parts-Count Window Detector
PART
INTERNAL
REFERENCE
COMPARATORS
PER PACKAGE
INTERNAL
HYSTERESIS
TSM921
Yes
1
Yes
TSM922
No
2
No
TSM923
Yes
2
Yes
TSM924
Yes
4
No
PART
TEMPERATURE
RANGE
PACKAGE
TSM921C
0ºC to 70ºC
8-Pin MSOP/SOIC
TSM921E
-40ºC to 85ºC
TSM922C
0ºC to 70ºC
8-Pin MSOP/SOIC
TSM922E
-40ºC to 85ºC
TSM923C
0ºC to 70ºC
8-Pin MSOP/SOIC
TSM923E
-40ºC to 85ºC
TSM924C
0ºC to 70ºC
16-Pin SOIC
TSM924E
-40ºC to 85ºC


Similar Part No. - TSM921

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM921CSA+ TOUCHSTONE-TSM921CSA+ Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM921CSA+T TOUCHSTONE-TSM921CSA+T Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM921CUA+ TOUCHSTONE-TSM921CUA+ Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM921CUA+T TOUCHSTONE-TSM921CUA+T Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
More results

Similar Description - TSM921

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com