Electronic Components Datasheet Search
  English  ▼

X  

TSM921 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM921 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button TSM921 Datasheet HTML 12Page - Silicon Laboratories TSM921 Datasheet HTML 13Page - Silicon Laboratories TSM921 Datasheet HTML 14Page - Silicon Laboratories TSM921 Datasheet HTML 15Page - Silicon Laboratories TSM921 Datasheet HTML 16Page - Silicon Laboratories TSM921 Datasheet HTML 17Page - Silicon Laboratories TSM921 Datasheet HTML 18Page - Silicon Laboratories TSM921 Datasheet HTML 19Page - Silicon Laboratories TSM921 Datasheet HTML 20Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TSM921-TSM924
TSM921/24 Rev. 1.0
Page 17
PACKAGE OUTLINE DRAWING
8-Pin SOIC Package Outline Drawing
(N.B., Drawings are not to scale)
1.27 TYP
0.33 - 0.51
4.80 - 5.00
3.73 - 3.89
0 - 8°
3.81 – 3.99
1
2
2
Notes:
Does not include mold flash, protrusions or gate burns.
Mold flash, protrusions or gate burrs shall not exceed
0.15 mm per side.
Does not include inter-lead flash or protrusions. Inter-lead
flash or protrusions shall not exceed 0.25 mm per side.
Lead span/stand off height/coplanarity are considered as
special characteristic (s).
Controlling dimensions are in mm.
This part is compliant with JEDEC specification MS-012
Lead span/stand off height/coplanarity are considered as
Special characteristic.
1
2
LEADFARME
THICKNESS
0.19 – 0.25
5.80 – 6.20
0.10 – 0.25
1.75 Max
0.10 Max
7' REF
ALL SIDE
7' REF ALL SIDE
0.76 Max
0.66 Min
0.406 – 0.863
0.546 REF
0.48 Max
0.28 Min
45' Angle
0.25
5.
6.
1.32 – 1.52
GAUGE PLANE
3.
4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com