Electronic Components Datasheet Search
  English  ▼

X  

TSM921 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM921 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button TSM921 Datasheet HTML 10Page - Silicon Laboratories TSM921 Datasheet HTML 11Page - Silicon Laboratories TSM921 Datasheet HTML 12Page - Silicon Laboratories TSM921 Datasheet HTML 13Page - Silicon Laboratories TSM921 Datasheet HTML 14Page - Silicon Laboratories TSM921 Datasheet HTML 15Page - Silicon Laboratories TSM921 Datasheet HTML 16Page - Silicon Laboratories TSM921 Datasheet HTML 17Page - Silicon Laboratories TSM921 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TSM921-TSM924
Page 14
TSM921/24 Rev. 1.0
high impedance on the feedback. The following
procedure explains the steps to design the circuit for
a desired hysteresis:
1.
Choose R3. As the leakage current at the
IN+ pin is less than 1nA, the current through
R3 should be at least 100nA to minimize
offset voltage errors caused by the input
leakage current. For R3 = 11.8M
Ω, the
current through R3 is VREF/R3 at the trip
point. In this case, a 10M
Ω resistor is a good
standard value for R3.
2.
Next, the desired hysteresis band (VHB) is
set. In this example, VHB is set to 50mV.
3.
Calculate R1.
R1 = R3 x
VHB
V+
= 10M
Ω x
50mV
5V
=
100kΩ
In this example, a 100k
Ω, 1% standard
value resistor is selected for R1.
4.
Choose the trip point for VIN rising (VTHR),
which is the threshold voltage at which the
comparator switches its output from low to
high as VIN rises above the trip point. In this
example, choose VTHR = 3V.
5.
Calculate R2.
R2 =
1
VTHR
VREF x R1
-
1
R1
-
1
R3
=
1
3
1.182V x 100k
Ω -
1
100k
Ω -
1
10M
Ω
=
65.44kΩ
In this example, a 64.9k
Ω, 1% standard
value resistor is selected for R2.
6.
The last step is to verify the trip voltages and
hysteresis
band
using
the
standard
resistance values:
VTHR = VREFx R1 x
1
R1
+
1
R2
+
1
R3
VTHF = VTHR –
R1 x V+
R3
Board Layout and Bypassing
While power-supply bypass capacitors are not
typically required, it is good engineering practice to
use 0.1
μF bypass capacitors close to the device’s
power
supply
pins
when
the
power
supply
impedance is high, the power supply leads are long,
or there is excessive noise on the power supply
traces. To reduce stray capacitance, it is also good
engineering practice to make signal trace lengths as
short as possible. Also recommended are a ground
plane and surface mount resistors and capacitors.
TYPICAL APPLICATION CIRCUITS
Auto-Off Power Source
A timed auto power-off circuit can be designed as
shown in Figure 4 where the output of the TSM921
is the switched power-supply output. With an internal
reference, hysteresis, high current output, and a
2.5
μA supply current, the TSM921 provides a
wealth of features that make it perfect for this
application.
While
consuming
only
3.5
μA
of
quiescent current with a 10mA load, the TSM921 is
able to generate a voltage of VBATT – 0.12V. As
shown in Figure 4, three resistors are used to
generate a hysteresis band of 100mV and sets the
IN+ trip point to 50mV when IN+ is going low. The
maximum power-on period of the OUT pin before
power-down occurs can be determined by the RC
time constant as follows:
Figure 3. External Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com