Electronic Components Datasheet Search
  English  ▼

X  

USB3803 Datasheet(PDF) 5 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 5 Page - Microchip Technology

  USB3803 Datasheet HTML 1Page - Microchip Technology USB3803 Datasheet HTML 2Page - Microchip Technology USB3803 Datasheet HTML 3Page - Microchip Technology USB3803 Datasheet HTML 4Page - Microchip Technology USB3803 Datasheet HTML 5Page - Microchip Technology USB3803 Datasheet HTML 6Page - Microchip Technology USB3803 Datasheet HTML 7Page - Microchip Technology USB3803 Datasheet HTML 8Page - Microchip Technology USB3803 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 5
USB3803
VariSense
which controls the USB receiver sensitivity enabling programmable levels of USB signal receive sensitivity.
This capability allows operation in a sub-optimal system environment, such as when a captive USB cable is used.
1.1
Customer Selectable Features
A default configuration is available in the USB3803 following a reset. This configuration may be sufficient for most appli-
cations. The USB3803 hub may also be configured by an external microcontroller. When using the microcontroller inter-
face, the hub appears as an I2C slave device.
The USB3803 hub supports customer selectable features including:
• Optional customer configuration via I2C.
• Supports compound devices on a port-by-port basis.
• Customizable vendor ID, product ID, and device ID.
• Configurable downstream port power-on time reported to the host.
• Supports indication of the maximum current that the hub consumes from the USB upstream port.
• Supports Indication of the maximum current required for the hub controller.
• Configurable as a Self-Powered and Bus-Powered Hub
• Supports custom string descriptors (up to 30 characters):
- Product string
- Manufacturer string
- Serial number string
• When available, I2C configurable options for default configuration may include:
- Downstream ports as non-removable ports
- Downstream ports as disabled ports
- USB signal drive strength
- USB receiver sensitivity
- USB differential pair pin location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com