Electronic Components Datasheet Search
  English  ▼

X  

USB3803 Datasheet(PDF) 76 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 76 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 72Page - Microchip Technology USB3803 Datasheet HTML 73Page - Microchip Technology USB3803 Datasheet HTML 74Page - Microchip Technology USB3803 Datasheet HTML 75Page - Microchip Technology USB3803 Datasheet HTML 76Page - Microchip Technology USB3803 Datasheet HTML 77Page - Microchip Technology USB3803 Datasheet HTML 78Page - Microchip Technology USB3803 Datasheet HTML 79Page - Microchip Technology USB3803 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
USB3803
DS00001691B-page 76
 2014-2015 Microchip Technology Inc.
9.0
INTEGRATED POWER REGULATORS
9.1
Overview
The integrated power regulators are defined to provide significant flexibility to the system in providing power the device.
Several different configurations are allowed in order to align the power structure to supplies available in the system.
9.1.1
3.3V REGULATOR
The device has an integrated regulator to convert from VBAT to 3.3V.
9.1.2
1.2V REGULATOR
The device has an integrated regulator to convert from a variable voltage input on VDD_CORE_REG to 1.2V. The 1.2V
regulator shall be tolerant to the presence of low voltage (~0V) on the VDD_CORE_REG pin in order to support system
power solutions where a 1.8V supply is not always present in low power states.
The 1.2V regulator shall support an input voltage range consistent with a 1.8V input in order to reduce power consump-
tion in systems which provide multiple power supply levels. In addition the 1.2V regulator shall support an input voltage
up to 3.3V for systems which provide only a single power supply. The device will support operation where the 3.3V reg-
ulator output can drive the 1.2V regulator input such that VBAT is the only required supply.
9.2
Power Configurations
The USB3803 support operation with no back current when power is connected in each of the following configurations.
9.2.1
SINGLE SUPPLY CONFIGURATIONS
9.2.1.1
VBAT Only
VBAT should be tied to the VBAT system supply. VDD33_BYP regulator output and VDD_CORE_REG should be tied
together on the board. In this configuration the 3.3v regulator will be active, and the 3.3v to 1.2v regulator will be active.
9.2.1.2
3.3V Only
VBAT should be tied to the 3.3v system supply. VDD33_BYP and VDD_CORE_REG pins should be tied together on
the board. In this configuration the 3.3v regulator will operate in dropout. The 1.2v regulator will be active.
9.2.2
DOUBLE SUPPLY CONFIGURATIONS
9.2.2.1
VBAT + 1.8V
VBAT should be tied to the VBAT system supply. VDD33_BYP regulator output requires external
capacitor.
VDD_CORE_REG should be tied to the 1.8v system supply. In this configuration the 3.3v regulator and the 1.2V regu-
lator will be active.
9.2.2.2
3.3V + 1.8V
VBAT should be tied to the 3.3v system supply. VDD33_BYP should be connected to the 3.3v external capacitor.
VDD_CORE_REG should be tied to the 1.8v system supply. In this configuration the 3.3v regulator will operate in drop-
out. The 1.2v regulator will be active.
9.3
Regulator Control Signals
The regulators are controlled by the RESET_N and BYPASS_N signals. When RESET_N is brought high the VDD33
regulator will turn on. When RESET_N is brought low the VDD33 regulator will turn off. When BYPASS_N is brought
high, the VDD12 regulator will turn on. When BYPASS_N is brought low the VDD12 regulator will turn off.
BYPASS_N
should not be driven high if RESET_N is driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com