Electronic Components Datasheet Search
  English  ▼

X  

VM810C Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VM810C
Description  VM810C EVE2 CREDIT CARD MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VM810C Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VM810C Datasheet HTML 8Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 9Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 10Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 11Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 12Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 13Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 14Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 15Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
5 Hardware Setup Guide
5.1 Power Configuration
There are 3 methods of powering the VM810C board.
1) USB Power(5V) - Connect USB power through micro-USB cable to CN2
2) DC IN(5V) - Connect 5V to CN1
3) J5 Power(5V) - Connect 5V to J5 pin 7
The following table summarise how to power the VM810C board using the various methods.
Power Method
CN2
CN1
J5 Pin 7
SW1
USB Power
5V
N/C
N/C
Short pin 2-3
DC IN(5V)
N/C
5V
N/C
Short pin 1-2
J5 Power(5V)
N/C
N/C
5V
Any Position
Table 5-1 – Board power configuration
5.2 Backlight LED current Configuration
The VM810C module has backlight LED driver circuit on-board. The driver takes 5V as input power
source, and regulator the output voltage so that the total output current drawn by the backlight LED
chain is 60mA. This works fine with the 5” WVGA LCD provided with the VM810C50-D module (18 white
LED organized at 3 sets of 6 series LED).
If the user selects their own LCD panel to use with the VM810C board, the backlight LED current may
need to be re-configured to suite the LCD panel. By replacing the resistor R7 on VM810C PCB the
backlight LED current can be changed. The value of R7 is determined by following formula:
R7 = 95mV / ILED
5.3 MPSSE Setup
To give a quick start with the VM810C development board, a Windows based Sample Application and
demo applications are provided for users to experiment and experience the FT810 in the VM810C system.
The following paragraphs provide a short description for development procedures.
MPSSE is a “multi-purpose synchronous serial engine” interface available in some FTDI device (e.g.
FT2232D, FT232H, FT2232H and FT4232H). This engine allows users to bridge from a USB port on a PC
to an SPI interface. Sample code is available for driving the FT810 over this interface with a FT232H
device that has been integrated into a cable. This device is available in the VA800A-SPI board, or
C232HM-EDHSL-0(5V) cable or C232HM-DDHSL-0(3.3V) cable.
VA800A-SPI is a MPSSE module accessory which can connect to the VM810C modules directly. Detailed
information of VA800A-SPI can be found at:
http://www.ftdichip.com/Support/Documents/DataSheets/Modules/DS_VA800A-SPI_MPSSE_Module.pdf.
More information about MPSSE cables may be found at:
http://www.ftdichip.com/Support/Documents/DataSheets/Cables/DS_C232HM_MPSSE_CABLE.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com