Electronic Components Datasheet Search
  English  ▼

X  

VM810C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # VM810C
Description  VM810C EVE2 CREDIT CARD MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VM810C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button VM810C Datasheet HTML 5Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 6Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 7Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 8Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 9Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 10Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 11Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 12Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
4 Board Schematics
U2
74LCX125
3V3
GND
U3
74LCX125
3V3
GND
3V3
VCORE
3V3
GND
Y1
12MHz
C2
27pF
C1
27pF
GND
GND
GND
R4
47k
C3
4.7uF
C4
0.1uF
3V3
GND
C5
4.7uF
C6
0.1uF
GND
VCORE
R3
47k
R2
47k
R1
47k
GND
3V3
GND
L1
NR3015T220M
C12
0.22uF
R5
4k7
C11
2.2nF
D1
1N4148
R6
10k/1%
C9
10uF
C10
0.1uF
R7
1R6
5V
GND
GND
GND
GND
GND
C7
0.1uF
3V3
GND
C8
0.1uF
J1
0.5B-40PBS
LCD1
AGND
4
PGND
8
EP
9
U4
MIC2289-34YML
X1/CLK
13
X2
14
GND
15
VCC
16
VOUT1V2
17
VCC
18
XP
19
YP
20
XM
21
YM
22
GND
23
BACKLIGHT
24
G7
37
G6
38
G5
39
G4
40
G3
41
G2
42
R7
43
R6
44
R5
45
R4
46
R3
47
R2
48
EP
49
U1
FT810
Figure 4-1 - FT810 and LCD circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com