Electronic Components Datasheet Search
  English  ▼

X  

VM810C Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # VM810C
Description  VM810C EVE2 CREDIT CARD MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VM810C Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VM810C Datasheet HTML 10Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 11Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 12Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 13Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 14Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 15Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 16Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 17Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
For more information on utilizing the VM810C development system with the MPSSE cable and Sample
Application, refer to AN_245. Note the procedure is the same as for previous generation VM800C
modules.
Further documentation associated with the VM810C development system and design flow
can be found
at following link: http://www.ftdichip.com/Products/Modules/VM810C.html
The FT81x Programming Guide describes the programming code and formats used by the FT810. The
Sample Application is a well-formatted and documented program that illustrates the Programming Guide,
and provides numerous design examples and reference code demonstrations.
J5 Pin number
J5 Signal
MPSSE pin number
MPSSE Signal
MPSSE Lead Color
1
SCK
2
SK
ORANGE
2
MOSI
3
DO
YELLOW
3
MISO
4
DI
GREEN
4
CS#
5
CS
BROWN
5
INT#
7
GPIOL1
PURPLE
6
PD#
9
GPIOL3
BLUE
7
5V
1
VCC
RED
8
3.3V
-
-
-
9
GND
10
GND
Black
10
GND
-
-
-
Table 5-2 – MPSSE cable (C232HM-EDHSL-0) connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com