Electronic Components Datasheet Search
  English  ▼

X  

ADS42B49 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42B49
Description  250-MSPS Ultralow-Power ADC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42B49 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS42B49 Datasheet HTML 35Page - Texas Instruments ADS42B49 Datasheet HTML 36Page - Texas Instruments ADS42B49 Datasheet HTML 37Page - Texas Instruments ADS42B49 Datasheet HTML 38Page - Texas Instruments ADS42B49 Datasheet HTML 39Page - Texas Instruments ADS42B49 Datasheet HTML 40Page - Texas Instruments ADS42B49 Datasheet HTML 41Page - Texas Instruments ADS42B49 Datasheet HTML 42Page - Texas Instruments ADS42B49 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
ADS42B49
www.ti.com
SBAS558C – DECEMBER 2012 – REVISED DECEMBER 2015
7
6
5
4
3
2
1
0
0
0
0
0
0
HP[2]
HP[1]
0
Bits 7-3
Always write 0
Bits 2-1
HP[2:1]
Set bits HP[11:1] for best performance.
00 = Default after reset
11 = HP[2:1] are enabled
Bit 0
Always write 0
7
6
5
4
3
2
1
0
CH A GAIN
0
CH A TEST PATTERNS
Bits 7-4
CH A GAIN: Channel A gain programmability
These bits set the gain programmability in 0.5-dB steps for channel A.
0000 = 0-dB gain (default after reset)
0001 = 0.5-dB gain
0010 = 1-dB gain
0011 = 1.5-dB gain
0100 = 2-dB gain
0101 = 2.5-dB gain
0110 = 3-dB gain
0111 = 3.5-dB gain
1000 = 4-dB gain
1001 = 4.5-dB gain
1010 = 5-dB gain
1011 = 5.5-dB gain
1100 = 6-dB gain
Bit 3
Always write 0
Bits 2-0
CH A TEST PATTERNS: Channel A data capture
These bits verify data capture for channel A.
000 = Normal operation
001 = Outputs all 0s
010 = Outputs all 1s
011 = Outputs toggle pattern.
The output data D[13:0] are an alternating sequence of 10101010101010 and 01010101010101.
100 = Outputs digital ramp.
101 = Outputs custom pattern; use registers 3Fh and 40h to set the custom pattern
110 = Unused
111 = Unused
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com