Electronic Components Datasheet Search
  English  ▼

X  

ADS42B49 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42B49
Description  250-MSPS Ultralow-Power ADC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42B49 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS42B49 Datasheet HTML 4Page - Texas Instruments ADS42B49 Datasheet HTML 5Page - Texas Instruments ADS42B49 Datasheet HTML 6Page - Texas Instruments ADS42B49 Datasheet HTML 7Page - Texas Instruments ADS42B49 Datasheet HTML 8Page - Texas Instruments ADS42B49 Datasheet HTML 9Page - Texas Instruments ADS42B49 Datasheet HTML 10Page - Texas Instruments ADS42B49 Datasheet HTML 11Page - Texas Instruments ADS42B49 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
ADS42B49
SBAS558C – DECEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
Pin Functions - CMOS Mode (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
INP_B
19
Input
Differential analog positive input, channel B
Serial interface RESET input.
When using the serial interface mode, the internal registers must be initialized through a
hardware RESET by applying a high pulse on this pin or by using the software reset option;
RESET
12
Input
refer to the Serial Interface Configuration section.
In parallel interface mode, the RESET pin must be permanently tied high. SDATA and SEN
are used as parallel control pins in this mode.
This pin has an internal 150-k
Ω pull-down resistor.
This pin functions as a serial interface clock input when RESET is low. SCLK controls the
SCLK
13
Input
low-speed mode when RESET is tied high; see Table 6 for detailed information. This pin
has an internal 150-k
Ω pull-down resistor.
SDATA
14
Input
Serial interface data input; this pin has an internal 150-k
Ω pull-down resistor.
This pin functions as a serial interface register readout when the READOUT bit is enabled.
SDOUT
64
Output
When READOUT = 0, this pin is in high-impedance state.
This pin functions as a serial interface enable input when RESET is low. SEN controls the
SEN
15
Input
output interface and data format selection when RESET is tied high; see Table 7 for
detailed information. This pin has an internal 150-k
Ω pull-up resistor to AVDD.
UNUSED
56
—
This pin is not used in the CMOS interface
This pin outputs the common-mode voltage (1.9 V) that can be used externally to bias the
VCM
23
Output
analog input pins
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD
–0.3
2.1
V
Supply voltage
AVDD_BUF
–0.3
3.6
V
DRVDD
–0.3
2.1
V
AGND and DRGND
–0.3
0.3
V
AVDD to DRVDD
–2.4
2.4
V
(when AVDD leads DRVDD)
Voltage between:
DRVDD to AVDD
–2.4
2.4
V
(when DRVDD leads AVDD)
AVDD_BUF to DRVDD and AVDD
–3.9
3.9
V
Minimum
INP, INM
–0.3
V
(3, AVDD_BUF + 0.3)
Voltage applied to
CLKP, CLKM(2)
–0.3
AVDD + 0.3
V
RESET, SCLK, SDATA, SEN,
–0.3
3.9
V
CTRL1, CTRL2, CTRL3
Operating free-air, TA
–40
85
°C
Temperature
Operating junction, TJ
125
°C
Storage, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
When AVDD is turned off, TI recommends switching off the input clock (or ensuring the voltage on CLKP, CLKM is less than |0.3 V|).
This configuration prevents the ESD protection diodes at the clock input pins from turning on.
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com