Electronic Components Datasheet Search
  English  ▼

X  

ADS42B49 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42B49
Description  250-MSPS Ultralow-Power ADC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42B49 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS42B49 Datasheet HTML 9Page - Texas Instruments ADS42B49 Datasheet HTML 10Page - Texas Instruments ADS42B49 Datasheet HTML 11Page - Texas Instruments ADS42B49 Datasheet HTML 12Page - Texas Instruments ADS42B49 Datasheet HTML 13Page - Texas Instruments ADS42B49 Datasheet HTML 14Page - Texas Instruments ADS42B49 Datasheet HTML 15Page - Texas Instruments ADS42B49 Datasheet HTML 16Page - Texas Instruments ADS42B49 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
ADS42B49
www.ti.com
SBAS558C – DECEMBER 2012 – REVISED DECEMBER 2015
8.8 Timing Requirements: LVDS and CMOS Modes
Typical values are at 25°C, AVDD = 1.9 V, AVDD_BUF = 3.3 V, DRVDD = 1.8 V, sampling frequency = 250 MSPS, sine
wave input clock, CLOAD = 3.3 pF, and RLOAD = 100 Ω, unless otherwise noted. Minimum and maximum values are across the
full temperature range: TMIN = –40°C to TMAX = 85°C, AVDD = 1.9 V, AVDD_BUF = 3.3 V, and DRVDD = 1.7 V to 2 V.
MIN
NOM
MAX
UNIT
tA
Aperture delay
0.5
0.8
1.1
ns
Aperture delay matching
Between two channels of the same device
±70
ps
Between two devices at the same temperature and
Variation of aperture delay
±150
ps
DRVDD supply
tJ
Aperture jitter
120
fS rms
Time to valid data after coming out of STANDBY
50
µs
mode
Wakeup time
Time to valid data after coming out of GLOBAL
100
µs
power-down mode
Clock
Default latency after reset
11
cycles
ADC latency(1)
Clock
Digital functions enabled (EN DIGITAL = 1)
19
cycles
DDR LVDS MODE(2)(3)
Data setup time on rising
Data valid to zero-crossing of differential output clock
tSU_RISE
0.32
0.68
ns
edge of CLKOUTP
(CLKOUTP – CLKOUTM)(4)
Data hold time on rising
Zero-crossing of differential output clock
tHO_RISE
0.5
0.82
ns
edge of CLKOUTP
(CLKOUTP – CLKOUTM) to data becoming invalid(4)
Data setup time on falling
Data valid to zero-crossing of differential output clock
tSU_FALL
0.63
1.04
ns
edge of CLKOUTP
(CLKOUTP – CLKOUTM)(4)
Data hold time on falling
Zero-crossing of differential output clock
tHO_FALL
0.18
0.58
ns
edge of CLKOUTP
(CLKOUTP – CLKOUTM) to data becoming invalid(4)
Input clock rising edge cross-over to output clock
tPDI
Clock propagation delay
7.6
8.9
10.2
ns
(CLKOUTP – CLKOUTM) rising edge cross-over
Duty cycle of differential clock
LVDS bit clock duty cycle
57%
(CLKOUTP – CLKOUTM)
tFALL,
Data fall time,
Rise time measured from –100 mV to 100 mV
0.13
ns
tRISE
Data rise time
1 MSPS ≤ Sampling frequency ≤ 250 MSPS
tCLKRISE,
Output clock rise time,
Rise time measured from –100 mV to 100 mV
0.13
ns
tCLKFALL
Output clock fall time
1 MSPS ≤ Sampling frequency ≤ 250 MSPS
tRISE,
Data rise time,
Rise time measured from 20% to 80% of DRVDD
0.13
ns
tFALL
Data fall time
1 MSPS
≤ Sampling frequency ≤ 250 MSPS
tCLKRISE,
Output clock rise time,
Rise time measured from 20% to 80% of DRVDD
0.13
ns
tCLKFALL
Output clock fall time
1 MSPS
≤ Sampling frequency ≤ 250 MSPS
PARALLEL CMOS MODE
Input clock rising edge cross-over to output clock
tPDI
Clock propagation delay
5.9
8.3
10.6
ns
rising edge cross-over
Duty cycle of output clock, CLKOUT
Output clock duty cycle
50%
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
Rise time measured from 20% to 80% of DRVDD
tRISE,
Data rise time,
Fall time measured from 80% to 20% of DRVDD
0.7
ns
tFALL
Data fall time
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
Rise time measured from 20% to 80% of DRVDD
tCLKRISE,
Output clock rise time
Fall time measured from 80% to 20% of DRVDD
0.7
ns
tCLKFALL
Output clock fall time
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
(1)
Overall latency = ADC latency + tPDI. At 250 MSPS, tPDI is greater than two clock periods. Therefore, overall latency at 250 MSPS =
ADC latency + 2 clock cycles.
(2)
Setup and hold values in DDR LVDS mode are taken with a delayed output clock by writing register 42h, value 30h.
(3)
Measurements are done with a transmission line of a 100-
Ω characteristic impedance between the device and load. Setup and hold time
specifications take into account the effect of jitter on the output data and clock.
(4)
Data valid refers to a logic high of 100 mV and a logic low of –100 mV.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com