Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFP Datasheet(HTML) 2 Page - Texas Instruments

  ADS5474IPFP Datasheet HTML 1Page - Texas Instruments ADS5474IPFP Datasheet HTML 2Page - Texas Instruments ADS5474IPFP Datasheet HTML 3Page - Texas Instruments ADS5474IPFP Datasheet HTML 4Page - Texas Instruments ADS5474IPFP Datasheet HTML 5Page - Texas Instruments ADS5474IPFP Datasheet HTML 6Page - Texas Instruments ADS5474IPFP Datasheet HTML 7Page - Texas Instruments ADS5474IPFP Datasheet HTML 8Page - Texas Instruments ADS5474IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ADS5474
SLAS525C – JULY 2007 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 21
1
Features .................................................................. 1
8
Application and Implementation ........................ 24
2
Applications ........................................................... 1
8.1
Application Information............................................ 24
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 24
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 28
5
Pin Configuration and Functions ......................... 3
9.1
Power Supplies ....................................................... 28
6
Specifications......................................................... 6
10
Layout................................................................... 29
6.1
Absolute Maximum Ratings ..................................... 6
10.1
Layout Guidelines ................................................. 29
6.2
ESD Ratings ............................................................ 6
10.2
Layout Example .................................................... 30
6.3
Recommended Operating Conditions ....................... 6
10.3
Thermal Considerations ........................................ 30
6.4
Thermal Information .................................................. 7
11
Device and Documentation Support ................. 32
6.5
Electrical Characteristics........................................... 7
11.1
Device Support .................................................... 32
6.6
Timing Characteristics............................................. 10
11.2
Documentation Support ....................................... 33
6.7
Typical Characteristics ............................................ 12
11.3
Trademarks ........................................................... 33
7
Detailed Description ............................................ 18
11.4
Electrostatic Discharge Caution ............................ 33
7.1
Overview ................................................................. 18
11.5
Glossary ................................................................ 33
7.2
Functional Block Diagram ....................................... 18
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 18
Information ........................................................... 33
4 Revision History
Changes from Revision B (February 2012) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modessection, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section. .............................................................. 3
Changes from Revision A (August 2008) to Revision B
Page
•
Changed 1.6pF to 2.3pF TYP Input capacitance in ELECTRICAL CHARACTERISTICS ..................................................... 7
•
Changed (where DRY equals the CLK frequency) to (where DRY equals ½ the CLK frequency) in Digital Outputs
section .................................................................................................................................................................................. 21
2
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com