Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 11Page - Texas Instruments ADS5474IPFP Datasheet HTML 12Page - Texas Instruments ADS5474IPFP Datasheet HTML 13Page - Texas Instruments ADS5474IPFP Datasheet HTML 14Page - Texas Instruments ADS5474IPFP Datasheet HTML 15Page - Texas Instruments ADS5474IPFP Datasheet HTML 16Page - Texas Instruments ADS5474IPFP Datasheet HTML 17Page - Texas Instruments ADS5474IPFP Datasheet HTML 18Page - Texas Instruments ADS5474IPFP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
AVDD3
SupplyVoltage
V
-
-
71.0
70.5
70.0
69.5
69.0
68.5
68.0
3.0
3.1
3.2
3.3
3.6
3.4
3.5
f =400MSPS
f
=230MHz
S
IN
-40 C
°
+25 C
°
+40 C
°
+65 C
°
+100 C
°
+85 C
°
0 C
°
DVDD3
SupplyVoltage
V
-
-
90
88
86
84
82
80
78
76
70
3.0
3.1
3.2
3.3
3.6
74
72
3.4
3.5
f =400MSPS
f
=230MHz
S
IN
-
°
40 C
+100 C
°
0 C
°
+40 C
°
+65 C
°
+85 C
°
+25 C
°
AVDD5
SupplyVoltage
V
-
-
71.0
70.5
70.0
69.5
69.0
68.5
68.0
4.7
4.8
4.9
5.0
5.3
5.1
5.2
f =400MSPS
f
=230MHz
S
IN
-
°
40 C
+25 C
°
+40 C
°
+65 C
°
+100 C
°
+85 C
°
0 C
°
AVDD3
SupplyVoltage
V
-
-
90
88
86
84
82
80
78
76
70
3.0
3.1
3.2
3.3
3.6
74
72
3.4
3.5
f =400MSPS
f
=230MHz
S
IN
-
°
40 C
+25 C
°
+40 C
°
+65 C
°
+100 C
°
+85 C
°
0 C
°
A
dBFS
IN -
100
90
80
70
60
50
40
30
0
-100
-90
-80
-70
0
20
10
-60
-50
-40
-30
-20
-10
2f
f (dBc)
-
1
2
2f
f (dBc)
2
1
-
WorstSpur(dBc)
AVDD5
SupplyVoltage
V
-
-
90
88
86
84
82
80
78
76
70
4.7
4.8
4.9
5.0
5.3
74
72
5.1
5.2
f =400MSPS
f
=230MHz
S
IN
-40 C
°
+25 C
°
+40 C
°
+65 C
°
+100 C
°
+85 C
°
0 C
°
ADS5474
www.ti.com
SLAS525C – JULY 2007 – REVISED JANUARY 2016
Typical Characteristics (continued)
At TA = 25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
Figure 21. SFDR vs AVDD5 Over Temperature
Figure 20. Two-Tone Performance vs Input Amplitude (f1 =
297.5 MHz and f2 = 302.5 MHz)
Figure 22. SNR vs AVDD5 Over Temperature
Figure 23. SFDR vs AVDD3 Over Temperature
Figure 24. SNR vs AVDD3 Over Temperature
Figure 25. SFDR vs DVDD3 Over Temperature
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com