| Electronic Components Datasheet Search |
|
ADS5474IPFP Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5474IPFP Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 41 page ![]() THD + 10log10 P S P D ADS5474 www.ti.com SLAS525C – JULY 2007 – REVISED JANUARY 2016 Device Support (continued) five harmonics (PD).THD is typically given in units of dBc (dB to carrier). (10) Two-Tone Intermodulation Distortion (IMD3) IMD3 is the ratio of the power of the fundamental (at frequencies f1, f2) to the power of the worst spectral component at either frequency 2f1 – f2 or 2f2 – f1). IMD3 is given in units of either dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB to full-scale) when the power of the fundamental is extrapolated to the converter full-scale range. 11.2 Documentation Support 11.2.1 Related Documentation For related documentation see the following: • Clocking High Speed Data Converters, SLYT075 • PowerPAD Thermally Enhanced Package, SLMA002 • PowerPAD Made Easy, SLMA004 • ADS5474 EVM User Guide, SLAU194 • ADS5463 12-bit, 500 MSPS Analog-to-Digital Converter with Buffered Input, SLAS515 • ADS5440 13-Bit 210 MSPS Analog-to-Digital Converter, SLAS467 • ADS5444 13-Bit 250 MSPS Analog-to-Digital Converter, SLWS162 • LMK04808 IBIS Model, SNAM100 • LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier, SBOS695 11.3 Trademarks PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners. 11.4 Electrostatic Discharge Caution These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 11.5 Glossary SLYZ022 — TI Glossary. This glossary lists and explains terms, acronyms, and definitions. 12 Mechanical, Packaging, and Orderable Information The following pages include mechanical, packaging, and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. Copyright © 2007–2016, Texas Instruments Incorporated Submit Documentation Feedback 33 Product Folder Links: ADS5474 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |