Electronic Components Datasheet Search
  English  ▼

X  

DLPC3439 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3439
Description  Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3439 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC3439 Datasheet HTML 17Page - Texas Instruments DLPC3439 Datasheet HTML 18Page - Texas Instruments DLPC3439 Datasheet HTML 19Page - Texas Instruments DLPC3439 Datasheet HTML 20Page - Texas Instruments DLPC3439 Datasheet HTML 21Page - Texas Instruments DLPC3439 Datasheet HTML 22Page - Texas Instruments DLPC3439 Datasheet HTML 23Page - Texas Instruments DLPC3439 Datasheet HTML 24Page - Texas Instruments DLPC3439 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
21
DLPC3439
www.ti.com
DLPS057B – NOVEMBER 2014 – REVISED JANUARY 2016
Product Folder Links: DLPC3439
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
The frequency accuracy for MOSC is ±200 PPM. (This includes impact to accuracy due to aging, temperature, and trim sensitivity.)
(2)
The MOSC input cannot support spread spectrum clock spreading.
6.9 System Oscillators Timing Requirements
NUMBER
MIN
MAX
UNIT
1a
ƒclock Clock frequency, MOSC
(1)
Option 1: 24-MHz oscillator
23.998
24.002
MHz
1a
tc
Cycle time, MOSC(1)
Option 1: 24-MHz oscillator
41.670
41.663
ns
2
tw(H)
Pulse duration, MOSC, high
50% to 50% reference points (signal)
40 tc%
3
tw(L)
Pulse duration, MOSC, low
50% to 50% reference points (signal)
40 tc%
4
tt
Transition time, MOSC, tt = tƒ / tr
20% to 80% reference points (signal)
10
ns
5
tjp
Long-term, peak-to-peak, period jitter(2), MOSC
(that is the deviation in period from ideal period due solely to high frequency jitter)
2%
(1)
For more information on RESETZ, see Pin Configuration and Functions.
6.10 Power-Up and Reset Timing Requirements
NUMBER
MIN
MAX
UNIT
1
tw(L)
Pulse duration, inactive low, RESETZ 50% to 50% reference points (signal)
1.25
µs
2
tt
Transition time, RESETZ(1), tt = tƒ / tr 20% to 80% reference points (signal)
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com