Electronic Components Datasheet Search
  English  ▼

X  

DLPC3439 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3439
Description  Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3439 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC3439 Datasheet HTML 12Page - Texas Instruments DLPC3439 Datasheet HTML 13Page - Texas Instruments DLPC3439 Datasheet HTML 14Page - Texas Instruments DLPC3439 Datasheet HTML 15Page - Texas Instruments DLPC3439 Datasheet HTML 16Page - Texas Instruments DLPC3439 Datasheet HTML 17Page - Texas Instruments DLPC3439 Datasheet HTML 18Page - Texas Instruments DLPC3439 Datasheet HTML 19Page - Texas Instruments DLPC3439 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
16
DLPC3439
DLPS057B – NOVEMBER 2014 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DLPC3439
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Assumes 12.5% activity factor, 30% clock gating on appropriate domains, and mixed SVT or HVT cells
(2)
Programmable host and flash I/O are at minimum voltage (that is 1.8 V) for this typical scenario.
(3)
Max currents column use typical motion video as the input. The typical currents column uses SMPTE color bars as the input.
(4)
Some applications may be forced to use 1-oz copper to manage ASIC package heat.
(5)
Input image is 1920 × 1080 (1080p) 24-bits on the parallel interface at the frame rate shown with a 0.47-inch 1080p DMD.
(6)
In normal operation while displaying an image with CAIC enabled.
(7)
Assumes typical case power PVT condition = nominal process, typical voltage, typical temperature (55°C junction), a 0.47-inch 1080p
DMD.
(8)
Assumes worse case power PVT condition = corner process, high voltage, high temperature (105°C junction), a 0.47-inch 1080p DMD.
6.5 Electrical Characteristics over Recommended Operating Conditions
see
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS(5)(6)
MIN
TYP(7)
MAX(8)
UNIT
V(VDD)
Core current 1.1 V (main 1.1 V)
IDLE disabled, 1920 × 1080, 60 Hz
188
334
mA
V(VDD_PLLM)
MCG PLL 1.1 V current
IDLE disabled, 1920 × 1080, 60 Hz
4
7
mA
V(VDD_PLLD)
DCG PLL 1.1 V current
IDLE disabled, 1920 × 1080, 60 Hz
4
7
mA
V(VDD) +
V(VDD_PLLM)
+ V(VDD_PLLD)
Core Current 1.1 V + MCG PLL 1.1 V
current + DCG PLL 1.1 V current
IDLE disabled, 1920 × 1080, 60 Hz
196
348
mA
V(VCC18)
Main 1.8 V I/O current: 1.8 V power
supply for all I/O other than the host or
parallel interface and the SPI flash
interface.
This includes sub-LVDS DMD I/O ,
RESETZ, PARKZ, LED_SEL, CMP,
GPIO, IIC1, TSTPT and JTAG pins
IDLE disabled, 1920 × 1080, 60 Hz
18
mA
V(VCC_INTF)
Host or parallel interface I/O current:
1.8 to 3.3 V ( includes IIC0, PDATA,
video syncs, and HOST_IRQ pins)
IDLE disabled, 1920 × 1080, 60 Hz
3
mA
V(VCC_FLSH)
Flash Interface I/O current: 1.8 to 3.3 V IDLE disabled, 1920 × 1080, 60 Hz
1
1.5
mA
V(VCC18) +
V(VCC_INTF) +
V(VCC_FLSH)
Main 1.8 V I/O current + VCC_INTF
current + VCC_FLSH current
IDLE disabled, 1920 × 1080, 60 Hz
30
22.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com