Electronic Components Datasheet Search
  English  ▼

X  

DLPC3439 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3439
Description  Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3439 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC3439 Datasheet HTML 35Page - Texas Instruments DLPC3439 Datasheet HTML 36Page - Texas Instruments DLPC3439 Datasheet HTML 37Page - Texas Instruments DLPC3439 Datasheet HTML 38Page - Texas Instruments DLPC3439 Datasheet HTML 39Page - Texas Instruments DLPC3439 Datasheet HTML 40Page - Texas Instruments DLPC3439 Datasheet HTML 41Page - Texas Instruments DLPC3439 Datasheet HTML 42Page - Texas Instruments DLPC3439 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
B
C
E
D
Video
Video
A
A
Pulse position changes
on alternate subframes
Both
shutters
off
Next
shutter
on
39
DLPC3439
www.ti.com
DLPS057B – NOVEMBER 2014 – REVISED JANUARY 2016
Product Folder Links: DLPC3439
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
NOTE: The period between DLPLink pulses alternates between the subframe period + D and the subframe period – D, where
D is the delta period.
Figure 23. 3D DLP Link Pulse Timing
Table 7. 3D Link Nominal Timing Table
HDMI SOURCE REFERENCE
(Hz)
3D DMD SEQUENCE RATE
(Hz)
A
(µs)
B
(µs)
C
(µs)
D
(µs)
E
(µs)
23.6
94.5
25
500
628
128
>2000
24.0
96
25
500
628
128
>2000
49.0
98
25
500
628
128
>2000
50.0
100
25
500
628
128
>2000
51.0
102
25
500
628
128
>2000
59.0
118
25
500
628
128
>2000
60.0
120
25
500
628
128
>2000
61.0
122
25
500
628
128
>2000
8.3.10 DMD (Sub-LVDS) Interface
The DLPC3439 ASIC DMD interface consists of a HS 1.8-V sub-LVDS output only interface with a maximum
clock speed of 600-MHz DDR and a LS SDR (1.8-V LVCMOS) interface with a fixed clock speed of 120 MHz.
Table 8 shows how the 8 sub-LVDS lanes are configured for the DLP4710 (.47 1080p) DMD.
Table 8. DLP4710 (.47 1080p) DMD – ASIC to 8-Lane DMD Pin Mapping
DLPC3439 ASIC 8 LANE DMD ROUTING OPTIONS
DMD PINS
MASTER DLPC3439 CONFIGURATION
Swap Control = x0
SLAVE DLPC3439 CONFIGURATION
Swap Control = x2
HS_WDATA_D_P
HS_WDATA_D_N
HS_WDATA_E_P
HS_WDATA_E_N
Input DATA_p_0
Input DATA_n_0
HS_WDATA_C_P
HS_WDATA_C_N
HS_WDATA_F_P
HS_WDATA_F_N
Input DATA_p_1
Input DATA_n_1
HS_WDATA_B_P
HS_WDATA_B_N
HS_WDATA_G_P
HS_WDATA_G_N
Input DATA_p_2
Input DATA_n_2
HS_WDATA_A_P
HS_WDATA_A_N
HS_WDATA_H_P
HS_WDATA_H_N
Input DATA_p_3
Input DATA_n_3
HS_WDATA_H_P
HS_WDATA_H_N
HS_WDATA_A_P
HS_WDATA_A_N
Input DATA_p_4
Input DATA_n_4
HS_WDATA_G_P
HS_WDATA_G_N
HS_WDATA_B_P
HS_WDATA_B_N
Input DATA_p_5
Input DATA_n_5
HS_WDATA_F_P
HS_WDATA_F_N
HS_WDATA_C_P
HS_WDATA_C_N
Input DATA_p_6
Input DATA_n_6
HS_WDATA_E_P
HS_WDATA_E_N
HS_WDATA_D_P
HS_WDATA_D_N
Input DATA_p_7
Input DATA_n_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com