Electronic Components Datasheet Search
  English  ▼

X  

ECE1117 Datasheet(PDF) 39 Page - Microchip Technology

Part # ECE1117
Description  Multi-Function BC-Link/SMBus Companion Device
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1117 Datasheet(HTML) 39 Page - Microchip Technology

Back Button ECE1117 Datasheet HTML 35Page - Microchip Technology ECE1117 Datasheet HTML 36Page - Microchip Technology ECE1117 Datasheet HTML 37Page - Microchip Technology ECE1117 Datasheet HTML 38Page - Microchip Technology ECE1117 Datasheet HTML 39Page - Microchip Technology ECE1117 Datasheet HTML 40Page - Microchip Technology ECE1117 Datasheet HTML 41Page - Microchip Technology ECE1117 Datasheet HTML 42Page - Microchip Technology ECE1117 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001860D-page 39
ECE1117
TABLE 5-5:
REGISTER SUMMARY TABLE 5 OF 6
TABLE 5-6:
REGISTER SUMMARY TABLE 6 OF 6
5.1
Miscellaneous Registers
5.1.1
DEVICE ID REGISTER
TABLE 5-7:
DEVICE ID REGISTER
BUS
OFFSET
FCh
8-bit SIZE
POWER
VCC
43h nDLY_RST
DEFAULT
BIT
D7D6D5
D4D3
D2
D1
D0
BC-LINK™ TYPE
R
R
R
RRR
RR
BIT NAME 43h
Address
(Hex)
Name
nDLY_
RST
Default
C0h-CFh
Reserved
D0h
POR_CNTL
00h
D1h
TEST
00h
D2h
TEST
00h
D3H-DFh
Reserved
00h
Address
(Hex)
Name
nDLY_
RST
Default
E0h-EEh
Reserved
EFh
TEST
00h
F0h
SMBus Switch Control Reg
00h
F1h
Power Management Control Reg
00h
F2h
Reserved
00h
F3h
SMBus Slave Address Register
B8h or
B9h
F4h
TEST
00h
F5h
SOFT_RST
00h
F6h
TEST
00h
F7h
PS/2 Interrupt Status
00h
F8h
PS/2 Interrupt Mask
00h
F9h
Group Interrupt
00h
FAh
Upstream Bus Contorl Register
00h
FBh
Wakeup Control
00h
FCh
Device ID
43h
FDh
Device Revision Number
Rev. B =
01h
Rev. C =
05h
FEh
Vendor ID (LSB)
55h
FFh
Vendor ID (MSB)
10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com