Electronic Components Datasheet Search
  English  ▼

X  

ECE1117 Datasheet(PDF) 49 Page - Microchip Technology

Part # ECE1117
Description  Multi-Function BC-Link/SMBus Companion Device
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1117 Datasheet(HTML) 49 Page - Microchip Technology

Back Button ECE1117 Datasheet HTML 45Page - Microchip Technology ECE1117 Datasheet HTML 46Page - Microchip Technology ECE1117 Datasheet HTML 47Page - Microchip Technology ECE1117 Datasheet HTML 48Page - Microchip Technology ECE1117 Datasheet HTML 49Page - Microchip Technology ECE1117 Datasheet HTML 50Page - Microchip Technology ECE1117 Datasheet HTML 51Page - Microchip Technology ECE1117 Datasheet HTML 52Page - Microchip Technology ECE1117 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001860D-page 49
ECE1117
7.1.4
GPIO INTERRUPT STATUS REGISTER
A bit in a GPIOX Interrupt Status Register is set to 1 when the DIRECTION field for that bit in the corresponding GPIOXn
Configuration Register is set for Input and the bit in the corresponding GPIOX Input Register matches the conditions
defined by the TYPE field in the GPIOX Configuration Register. For example, if the TYPE field for GPIO Xn is set for
Level Sensitive Low, then bit n in the GPIOX Interrupt Status Register is set to 1 when bit n in the GPIOX Input Register
is 0. If the TYPE field specifies edge triggering, then the Status Register bit is set when the Input Register bit transitions
with the specified edge.
Writing a bit in a GPIOX Interrupt Status Register clears that bit. Writing a bit with a 0 has no effect.
7.1.5
GPIO INTERRUPT MASK REGISTER
An interrupt is signaled on either BC_INT_UP# or SMB_INT_UP# when a GPIOX bit in a GPIO Interrupt Status Register
is 1 and the corresponding GPIOX bit in the GPIO Interrupt Mask Register is also 1.
TABLE 7-5:
GPIO INTERRUPT STATUS REGISTER
BUS
OFFSET
See
Table 5-1, “Register
Summary Table 1 of 6,” on
page 35
8-bit SIZE
POWER
VCC
00h nDLY_RST
DEFAULT
BIT
D7D6
D5D4
D3D2D1
D0
BC-LINK™ TYPE
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
BIT NAME
GPIOX7
GPIOX6
GPIOX5
GPIOX4
GPIOX3
GPIOX2
GPIOX1
GPIOX0
TABLE 7-6:
GPIO INTERRUPT MASK REGISTER
BUS
OFFSET
See
Table 5-1, “Register
Summary Table 1 of 6,” on
page 35
8-bit SIZE
POWER
VCC
00h nDLY_RST
DEFAULT
BIT
D7D6
D5D4
D3D2D1
D0
BC-LINK TYPE
R/WR/W
R/WR/W
R/WR/W
R/WR/W
BIT NAME
GPIOX7
0 No Int
1 Int
GPIOX6
0 No Int
1 Int
GPIOX5
0 No Int
1 Int
GPIOX4
0 No Int
1 Int
GPIOX3
0 No Int
1 Int
GPIOX2
0 No Int
1 Int
GPIOX1
0 No Int
1 Int
GPIOX0
0 No Int
1 Int



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com