Electronic Components Datasheet Search
  English  ▼

X  

ECE1117 Datasheet(PDF) 1 Page - Microchip Technology

Part # ECE1117
Description  Multi-Function BC-Link/SMBus Companion Device
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1117 Datasheet(HTML) 1 Page - Microchip Technology

  ECE1117 Datasheet HTML 1Page - Microchip Technology ECE1117 Datasheet HTML 2Page - Microchip Technology ECE1117 Datasheet HTML 3Page - Microchip Technology ECE1117 Datasheet HTML 4Page - Microchip Technology ECE1117 Datasheet HTML 5Page - Microchip Technology ECE1117 Datasheet HTML 6Page - Microchip Technology ECE1117 Datasheet HTML 7Page - Microchip Technology ECE1117 Datasheet HTML 8Page - Microchip Technology ECE1117 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001860D-page 1
Product Features
• Microchip BC-Link™ Slave Interface to Host EC
- 3-pin point-to-point communication link to
Embedded Controller
• Optional SMBus Slave Interface to Host EC
- BC-Link/SMBus protocol autodetect
- Strap pin selects between two slave
addresses at POR
- Dynamically programmed slave address after
POR
• Keyboard Scan Matrix
- Up to 19x8 Keyboard Scan Matrix
• LED Output Pins
- 7 LED Output Pins
- 4 with 20mA current sink
- 3 with 4mA current sink
- Multiple Clock Rates
- Breathe capability
- Open Drain
-5V tolerant
- All can be synchronized
• General Purpose I/O Pins
- 16 General Purpose I/O Pins
- All are BC Bus addressable I/O Pins
- All are Maskable Hardware Wake-Event
Capable
- All are Programmable Open-Drain/Push-Pull
Outputs
• Two PS/2 Ports
• One Power Plane
- Low Standby Current in Sleep Mode
• 3.3 Volt Operation
• Package
- 48-pin QFN, 7x7mm body, 0.5mm pitch
- 48-pin SQFN, 7x7mm body, 0.5mm pitch
Description
The ECE1117 is a 48-pin 3.3V multi-function compan-
ion device. The ECE1117 communicates with an
upstream host via BC-Link or SMBus.
The ECE1117 is typically mounted in the keyboard
assembly. By mounting the ECE1117 onto the key-
board assembly, the keyboard signals as well as the
touchpad/point stick PS/2 signals and the backlight
PWMs are routed from the keyboard to the mother-
board over a single BC-Link or SMBus connection.
ECE1117
Multi-Function BC-LinkTM/SMBus Companion Device


Similar Part No. - ECE1117

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECE115 LSTD-ECE115 Datasheet
1Mb / 1P
Able to extrude in various sizes and profiles
ECE116 LSTD-ECE116 Datasheet
1Mb / 1P
Retains strong EMI protection
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
Cost-effective solution
More results

Similar Description - ECE1117

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
List of Unclassifed Man...
DBC98C51 ETC1-DBC98C51 Datasheet
1Mb / 31P
SMBus Device Bay Controller
logo
Oxford Semiconductor
OXCFU950 OXFORD-OXCFU950 Datasheet
105Kb / 11P
USB/UART multi-function 16-bit PC Card device
logo
National Semiconductor ...
CS5535 NSC-CS5535 Datasheet
3Mb / 555P
Geode??CS5535 I/O Companion Multi-Function South Bridge
logo
Oxford Semiconductor
OXCFU950 OXFORD-OXCFU950_07 Datasheet
460Kb / 74P
USB/UART multi-function 16-bit PC Card device
logo
Texas Instruments
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
Holt Integrated Circuit...
HI-6130 HOLTIC-HI-6130 Datasheet
6Mb / 290P
3.3V BC / MT / RT Multi-Terminal Device
HI-6130 HOLTIC-HI-6130_16 Datasheet
6Mb / 296P
3.3V BC / MT / RT Multi-Terminal Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com