Electronic Components Datasheet Search
  English  ▼

X  

LAN8810I Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN8810I
Description  GMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810I Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN8810I Datasheet HTML 35Page - Microchip Technology LAN8810I Datasheet HTML 36Page - Microchip Technology LAN8810I Datasheet HTML 37Page - Microchip Technology LAN8810I Datasheet HTML 38Page - Microchip Technology LAN8810I Datasheet HTML 39Page - Microchip Technology LAN8810I Datasheet HTML 40Page - Microchip Technology LAN8810I Datasheet HTML 41Page - Microchip Technology LAN8810I Datasheet HTML 42Page - Microchip Technology LAN8810I Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001870B-page 38
LAN8810/LAN8810I
4.2.3
PHY IDENTIFIER 1 REGISTER
4.2.4
PHY IDENTIFIER 2 REGISTER
Note 4-2
The default value of this field will vary dependant on the silicon revision number.
4.2.5
AUTO NEGOTIATION ADVERTISEMENT REGISTER
Index (In Decimal): 2
Size:
16 bits
Bits
Description
Type
Default
15:0
PHY ID Number
Assigned to the 3rd through 18th bits of the Organizationally Unique
Identifier (OUI), respectively. OUI=00800Fh
R/W
0007h
Index (In Decimal): 3
Size:
16 bits
Bits
Description
Type
Default
15:10
PHY ID Number
Assigned to the 19th through 24th bits of the OUI.
R/W
C0h
9:4
Model Number
Six-bit manufacturer’s model number.
R/W
0Eh
3:0
Revision Number
Four-bit manufacturer’s revision number.
R/W
Note 4-2
Index (In Decimal): 4
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
0 = no next page ability
1 = next page capable
Note:
This device does not support next page ability.
R/W
0b
14
RESERVED
RO
-
13
Remote Fault
0 = no remote fault
1 = remote fault detected
R/W
0b
12
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com