Electronic Components Datasheet Search
  English  ▼

X  

LAN8810I Datasheet(PDF) 65 Page - Microchip Technology

Part # LAN8810I
Description  GMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810I Datasheet(HTML) 65 Page - Microchip Technology

Back Button LAN8810I Datasheet HTML 61Page - Microchip Technology LAN8810I Datasheet HTML 62Page - Microchip Technology LAN8810I Datasheet HTML 63Page - Microchip Technology LAN8810I Datasheet HTML 64Page - Microchip Technology LAN8810I Datasheet HTML 65Page - Microchip Technology LAN8810I Datasheet HTML 66Page - Microchip Technology LAN8810I Datasheet HTML 67Page - Microchip Technology LAN8810I Datasheet HTML 68Page - Microchip Technology LAN8810I Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
LAN8810/LAN8810I
DS00001870B-page 65
 2009-2015 Microchip Technology Inc.
5.5
AC Specifications
This section details the various AC timing specifications of the device.
5.5.1
EQUIVALENT TEST LOAD
Output timing specifications assume a 25pF equivalent test load, unless otherwise noted, as illustrated in Figure 5-1.
Note:
The GMII/MII timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3 specification for addi-
tional GMII/MII timing information.
Note:
The Ethernet TX/RX pin timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3 specifi-
cation for detailed Ethernet timing information.
FIGURE 5-1:
OUTPUT EQUIVALENT TEST LOAD
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com