Electronic Components Datasheet Search
  English  ▼

X  

LAN8810I Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN8810I
Description  GMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810I Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN8810I Datasheet HTML 45Page - Microchip Technology LAN8810I Datasheet HTML 46Page - Microchip Technology LAN8810I Datasheet HTML 47Page - Microchip Technology LAN8810I Datasheet HTML 48Page - Microchip Technology LAN8810I Datasheet HTML 49Page - Microchip Technology LAN8810I Datasheet HTML 50Page - Microchip Technology LAN8810I Datasheet HTML 51Page - Microchip Technology LAN8810I Datasheet HTML 52Page - Microchip Technology LAN8810I Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001870B-page 48
LAN8810/LAN8810I
Note 4-7
The default mode is determined by the CONFIG[3:2] pins as described in Section 3.8.1.2.2,
"Configuring the Mode of Operation (CONFIG[3:2])," on page 26
4.2.17
ADVANCED REGISTER ADDRESS PORT
4.2.18
ADVANCED REGISTER READ DATA PORT
Index (In Decimal): 20
Size:
16 bits
Bits
Description
Type
Default
15
Read
When this bit is set to 1, the contents of the advanced register selected by
the Register Address field are latched to the Advanced Register Read Data
Port. This bit is self-cleared.
SC
0b
14:7
RESERVED
Must be written with 00000011b for proper operation.
The values of RESERVED bits are not guaranteed on a read.
R/W
-
6:0
Register Address
The address of the Advanced Register being accessed (0-12).
RO
0000000b
Note:
Refer to Section 4.3, "Advanced PHY Registers," on page 53 for additional information on the advanced
register set.
Index (In Decimal): 21
Size:
16 bits
Bits
Description
Type
Default
15:0
Read
Data read from the Advanced Register selected via the Advanced Register
Address Port.
RO
0000h
Note:
Refer to Section 4.3, "Advanced PHY Registers," on page 53 for additional information on the advanced
register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com