Electronic Components Datasheet Search
  English  ▼

X  

24AA52 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24AA52
Description  EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA52 Datasheet(HTML) 5 Page - Microchip Technology

  24AA52 Datasheet HTML 1Page - Microchip Technology 24AA52 Datasheet HTML 2Page - Microchip Technology 24AA52 Datasheet HTML 3Page - Microchip Technology 24AA52 Datasheet HTML 4Page - Microchip Technology 24AA52 Datasheet HTML 5Page - Microchip Technology 24AA52 Datasheet HTML 6Page - Microchip Technology 24AA52 Datasheet HTML 7Page - Microchip Technology 24AA52 Datasheet HTML 8Page - Microchip Technology 24AA52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 1996-2011 Microchip Technology Inc.
DS21166K-page 5
24AA52/24LCS52
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
A0, A1, A2
The levels on these inputs are compared with the
corresponding bits in the slave address. The chip is
selected if the compare is true.
Up to eight 24XXX52 devices may be connected to the
same bus by using different Chip Select bit
combinations. These inputs must be connected to
either VSS or VCC.
2.2
Serial Address/Data Input/Output
(SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal. Therefore, the SDA bus requires a pull-
up resistor to VCC (typical 10 k
 for 100 kHz, 2 k for
400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.3
Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
2.4
Write-Protect (WP)
This is the hardware write-protect pin. It can be tied to
VCC or VSS. If tied to VCC, the hardware write protection
is enabled. If the WP pin is tied to VSS, the hardware
write protection is disabled.
Symbol
PDIP
SOIC
TSSOP
MSOP
DFN(1)
TDFN(1)
Description
A0
1
1
1
1
1
1
Chip Address Input
A1
2
2
2
2
2
2
Chip Address Input
A2
3
3
3
3
3
3
Chip Address Input
VSS
4
4
444
4
Ground
SDA
5
5
5
5
5
5
Serial Address/Data I/O
SCL
6
6
6
6
6
6
Serial Clock
WP
7
7
7
7
7
7
Write-Protect Input
VCC
8
8
8
8
8
8
+1.8V to 5.5V Power Supply
Note 1:
The exposed pad on the DFN/TDFN packages can be connected to VSS or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com