Electronic Components Datasheet Search
  English  ▼

X  

24AA52 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA52
Description  EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA52 Datasheet(HTML) 1 Page - Microchip Technology

  24AA52 Datasheet HTML 1Page - Microchip Technology 24AA52 Datasheet HTML 2Page - Microchip Technology 24AA52 Datasheet HTML 3Page - Microchip Technology 24AA52 Datasheet HTML 4Page - Microchip Technology 24AA52 Datasheet HTML 5Page - Microchip Technology 24AA52 Datasheet HTML 6Page - Microchip Technology 24AA52 Datasheet HTML 7Page - Microchip Technology 24AA52 Datasheet HTML 8Page - Microchip Technology 24AA52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 1996-2011 Microchip Technology Inc.
DS21166K-page 1
24AA52/24LCS52
Device Selection Table
Features:
• Single Supply with Operation Down to 1.8V
• Low-Power CMOS Technology:
- 1 mA active current, typical
-1
A standby current, typical (I-temp)
• Organized as 1 Block of 256 Bytes (256 x 8)
• Software Write Protection for Lower 128 Bytes
• Hardware Write Protection for Entire Array
• 2-Wire Serial Interface Bus, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz (24AA52) and 400 kHz (24LCS52)
Compatibility
• Self-Timed Write Cycle (including auto-erase)
• Page Write Buffer for up to 16 Bytes
• ESD Protection > 4,000V
• 1,000,000 Erase/Write Cycles
• Data Retention > 200 Years
• 8-Lead PDIP, SOIC, TSSOP, MSOP, DFN and
TDFN Packages
• Pb-Free Finishes Available
• Available for Extended Temperature Ranges:
- Industrial (I): -40°C to +85°C
Package Types
Description:
The Microchip Technology Inc. 24AA52/24LCS52
(24XXX52*) is a 2 Kbit Electrically Erasable PROM
capable of operation across a broad voltage range
(1.8V to 5.5V). This device has a software write-protect
feature for the lower half of the array, as well as an
external pin that can be used to write-protect the entire
array. The software write-protect feature is enabled by
sending the device a special command. Once this
feature has been enabled, it cannot be reversed. In
addition to the software protect feature, there is a WP
pin that can be used to write-protect the entire array,
regardless of whether the software write-protect
register has been written or not. This allows the system
designer to protect none, half, or all of the array,
depending on the application. The device is organized
as one block of 256 x 8-bit memory with a 2-wire serial
interface. Low-voltage design permits operation down
to 1.8V, with standby and active currents of only 1
A
and 1 mA, respectively. The 24XXX52 also has a page
write capability for up to 16 bytes of data. The 24XXX52
is available in the standard 8-pin PDIP, surface mount
SOIC, TSSOP, MSOP, DFN and TDFN packages.
Block Diagram
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
24AA52
1.8-5.5
400 kHz(1)
I
24LCS52
2.2-5.5
400 kHz
I
Note 1:
100 kHz for VCC <2.2V
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
PDIP/SOIC/TSSOP/MSOP/DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
Standard
Array
Software write
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP
protected area
(00h-7Fh)
2K 2.2V I2C™ Serial EEPROM with Software Write-Protect
*24XXX52 is used in this document as a generic part number
for the 24AA52/24LCS52 devices.


Similar Part No. - 24AA52

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA52 MICROCHIP-24AA52 Datasheet
328Kb / 22P
2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
24AA52-/MC MICROCHIP-24AA52-/MC Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24AA52-/MCG MICROCHIP-24AA52-/MCG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24AA52-/MS MICROCHIP-24AA52-/MS Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24AA52-/MSG MICROCHIP-24AA52-/MSG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
More results

Similar Description - 24AA52

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6003A AKM-AK6003A Datasheet
148Kb / 17P
SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com