Electronic Components Datasheet Search
  English  ▼

X  

24AA52 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24AA52
Description  EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA52 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24AA52 Datasheet HTML 7Page - Microchip Technology 24AA52 Datasheet HTML 8Page - Microchip Technology 24AA52 Datasheet HTML 9Page - Microchip Technology 24AA52 Datasheet HTML 10Page - Microchip Technology 24AA52 Datasheet HTML 11Page - Microchip Technology 24AA52 Datasheet HTML 12Page - Microchip Technology 24AA52 Datasheet HTML 13Page - Microchip Technology 24AA52 Datasheet HTML 14Page - Microchip Technology 24AA52 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
 1996-2011 Microchip Technology Inc.
DS21166K-page 11
24AA52/24LCS52
FIGURE 7-2:
RESETTING WRITE-PROTECT FUSE (RWPF)
7.3
Hardware Write-Protect
The WP pin can be tied to VCC or VSS. If tied to VCC, the
entire array will be write-protected, regardless of
whether the software write-protect register has been
written or not. If the WP pin is set to VCC, it will prevent
the software write-protect register from being written. If
the WP is tied to VSS, write protection is determined by
the status of the software write-protect register for
addresses 00h-7Fh. Addresses 80h-FFh are solely
protected by the WP pin level.
101
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Word
Address (0x09)
Data (0xFF)
S
T
O
P
A
C
K
A
C
K
A
C
K
S
10 0 1
P
0
WP = VHH = VCC + 5.5V
00 0
00 00 1
0
01
1 1 1 1 11
11
RWPF
Command
Control
Byte
0
TWC
1
s
000
Note:
Clock = 100 kHz, VDD = 1.8V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com