Electronic Components Datasheet Search
  English  ▼

X  

LAN9500 Datasheet(PDF) 97 Page - Microchip Technology

Part # LAN9500
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500 Datasheet(HTML) 97 Page - Microchip Technology

Back Button LAN9500 Datasheet HTML 93Page - Microchip Technology LAN9500 Datasheet HTML 94Page - Microchip Technology LAN9500 Datasheet HTML 95Page - Microchip Technology LAN9500 Datasheet HTML 96Page - Microchip Technology LAN9500 Datasheet HTML 97Page - Microchip Technology LAN9500 Datasheet HTML 98Page - Microchip Technology LAN9500 Datasheet HTML 99Page - Microchip Technology LAN9500 Datasheet HTML 100Page - Microchip Technology LAN9500 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 97
LAN950x
• MAC Address High Register (ADDRH) and MAC Address Low Register (ADDRL)
• Hardware Configuration Register (HW_CFG)
• LED General Purpose IO Configuration Register (LED_GPIO_CFG)
• General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE)
5.9
Device Clocking
The device requires a fixed-frequency 25MHz clock source. This is typically provided by attaching a 25MHz crystal to
the XI and XO pins. The clock can optionally be provided by driving the XI input pin with a single-ended 25MHz clock
source. If a single-ended source is selected, the clock input must run continuously for normal device operation.
Internally, the device generates its required clocks with a phase-locked loop (PLL). It reduces its power consumption in
several of its operating states by disabling its internal PLL and derivative clocks. The 25MHz clock remains operational
in all states where power is applied.
5.10
Device Power Sources
The device may be soft powered by the USB bus or self powered via external power supplies. The following external
3.3V power supplies are required when power is not being furnished by the USB bus:
• VDD33IO, VDD33A
5.11
Power States
The following power states are featured.
• UNPOWERED
• NORMAL (Unconfigured and Configured)
• Suspend (SUSPEND0, SUSPEND1, SUSPEND2, and SUSPEND3)
All
four
SUSPEND
states
are
supported
by
LAN9500A/LAN9500Ai.
SUSPEND3
is
not
supported
by
LAN9500/LAN9500i.
Figure 5-29 illustrates the power states and allowed state transitions.
Note:
The device also uses power supplied by an internal regulator and connection does not vary. Since the reg-
ulated supply is derived from VDD33IO, there is no need to discuss it separately.
FIGURE 5-29:
POWER STATES
UN PO W E R E D
NORM A L
(C onfig ured )
SU S PEND 0
SUSPEND 1
SUSPEND 2
US B Re su m e ||
WO L ||
GP IO
U S B S u spend
US B Re su m e ||
GP IO
U S B S u spend
US B Re su m e ||
E nergy D e te ct ||
GP IO
US B S u s p en d
!VBU S _ D E T
(A ny state )
(P O R || n R ES ET ||
US B Re s e t || S R S T )
&& VBU S _ D E T
NORM A L
(U n c onfig ured )
C onfig ured
D e c onfigured
US B Re su m e ||
GP IO
U S B S u spend
SUSPEND 3
U S B Sus p e nd
US B Re s u m e ||
F ram e R e ce ived ||
GP IO
VB U S _ D ET
As se rte d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com