Electronic Components Datasheet Search
  English  ▼

X  

LAN9500 Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN9500
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500 Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN9500 Datasheet HTML 15Page - Microchip Technology LAN9500 Datasheet HTML 16Page - Microchip Technology LAN9500 Datasheet HTML 17Page - Microchip Technology LAN9500 Datasheet HTML 18Page - Microchip Technology LAN9500 Datasheet HTML 19Page - Microchip Technology LAN9500 Datasheet HTML 20Page - Microchip Technology LAN9500 Datasheet HTML 21Page - Microchip Technology LAN9500 Datasheet HTML 22Page - Microchip Technology LAN9500 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 19
LAN950x
1
Ethernet Speed
Indicator LED
nSPD_LED
OD12
(PU)
This pin is driven low (LED on) when the Ethernet
operating speed is 100Mbs, or during auto-
negotiation. This pin is driven high during 10Mbs
operation, or during line isolation.
General
Purpose I/O 10
GPIO10
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note 1: (LAN9500A/LAN9500Ai ONLY):
This pin may serve as a wakeup pin
whose detection mode is selectable
when External PHY and PME modes of
operation
are
in
effect.
Refer
to
Section 6.0 “PME Operation” for addi-
tional information.
2: By default this pin is configured as a
GPIO.
1
Detect
Upstream
VBUS Power
VBUS_DET
IS_5V
(PD)
Detects state of upstream bus power.
For bus powered applications, this pin must be tied
to VDD33IO.
For self powered applications where the device is
permanently attached to a host, VBUS_DET
should be pulled to VDD33IO. For other self
powered applications, refer to the device reference
schematic for additional connection information.
Note:
(LAN9500A/LAN9500Ai ONLY):
This pin may be used to signal bus power
availability when PME mode of operation
is in effect. Refer to Section 6.0 “PME
Operation” for additional information.
1
Test 1
TEST1
-
This pin must always be connected to VDD33IO
for proper operation.
1
Test 2
TEST2
-
This pin must always be connected to VSS for
proper operation.
1
Test 3
TEST3
-
This pin must always be connected to VSS for
proper operation.
TABLE 3-4:
MISCELLANEOUS PINS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com