| Electronic Components Datasheet Search |
|
LAN9500 Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9500 Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 213 page ![]() LAN950x DS00001875A-page 10 2010 - 2015 Microchip Technology Inc. 2.2.7 EEPROM CONTROLLER (EPC) LAN950x contains an EEPROM controller for connection to an external EEPROM. This allows for the automatic loading of static configuration data upon power-on reset, pin reset, or software reset. The EEPROM can be configured to load USB descriptors, USB device configuration, and MAC address. Custom operation without EEPROM is also provided via use of Descriptor RAM and Attributes Registers (LAN9500A/LAN9500Ai ONLY). 2.2.8 GENERAL PURPOSE I/O When configured for internal PHY mode, up to eleven GPIOs are supported. All GPIOs can serve as remote wakeup events when the LAN950x is in a suspended state. 2.2.9 TAP CONTROLLER IEEE 1149.1 compliant TAP Controller supports boundary scan and various test modes. 2.2.10 CONTROL AND STATUS REGISTERS (CSR) LAN950x’s functions are controlled and monitored by the Host via the Control and Status Registers (CSR). This register space includes registers that control and monitor the USB controller, as well as elements of overall system operation (System Control and Status Registers - SCSR), the MAC (MAC Control and Status Registers - MCSR), and the PHY (accessed indirectly through the MAC via the MII_ACCESS and MII_DATA registers). The CSR may be accessed via the USB Vendor Commands (REGISTER READ/REGISTER WRITE). Please refer to Section 5.3.3, "USB Vendor Com- mands," on page 41 for more information. 2.2.11 RESETS LAN950x supports the following system reset events: • Power on Reset (POR) • Hardware Reset Input Pin Reset (nRESET) • Lite Reset (LRST) • Software Reset (SRST) • USB Reset • VBUS Reset The device supports the following module level reset events: • Ethernet PHY Software Reset (PHY_RST) • nTRST Pin Reset for Tap Controller 2.2.12 TEST FEATURES Read/Write access to internal SRAMs is provided via the CSRs. JTAG based USB BIST is available. Full internal scan and At Speed scan are supported. 2.2.13 SYSTEM SOFTWARE LAN950x software drivers are available for the following operating systems: • Windows XP • Windows Vista •Linux •Win CE •MAC OS In addition, an EEPROM programming utility is available for configuring the external EEPROM. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |