Electronic Components Datasheet Search
  English  ▼

X  

BSP350 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP350
Description  MiniPROFET(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP350 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP350 Datasheet HTML 1Page - Infineon Technologies AG BSP350 Datasheet HTML 2Page - Infineon Technologies AG BSP350 Datasheet HTML 3Page - Infineon Technologies AG BSP350 Datasheet HTML 4Page - Infineon Technologies AG BSP350 Datasheet HTML 5Page - Infineon Technologies AG BSP350 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mini PROFET® BSP 350
Semiconductor Group
Page 1 of 6
08.04.97
MiniPROFET
• High-side switch
• Short-circuit protection
• Overtemperature protection with hysteresis
• Overload protection
• Overvoltage protection
• Reverse battery protection1)
• Switching inductive load
• Clamp of negative output voltage with inductive loads
• Maximum current internally limited
Package: SOT 223
Type
Ordering code
BSP 350
Q67000-S227
Maximum Ratings
Parameter
Symbol Values
Unit
Supply voltage
Vbb
50
V
Load current
self-limited
IL
IL(SC)
A
Maximum current through input pin (DC)
see internal circuit diagram
IIN
±15
mA
Inductive load switch-off energy dissipation
EAS
5mJ
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Max. power dissipation (DC)2)
TA = 25 °C
Ptot
1.7
W
Thermal resistance
chip - soldering point:
chip - ambient:
2)
RthJS
RthJA
17
72
K/W
+ Vbb
GND
Control
Circuit
R
Temperature
Sensor
1
3
OUT
IN
RL
IN
2/4
1
) For 12 V applications only. Reverse load current only limited by connected load.
2
)
BSP 350 on epoxy pcb 40 mm x 40 mm x 1.5 mm with 6 cm2 copper area for Vbb connection
1
2
3
4
Pins:
12
3
4
IN
V
bb
OUT
V
bb


Similar Part No. - BSP350

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP350 SIEMENS-BSP350 Datasheet
66Kb / 6P
MiniPROFET (High-side switch Short-circuit protection Overtemperature protection with hysteresis)
logo
Micronas
BSP3505D MICRONAS-BSP3505D Datasheet
267Kb / 40P
Baseband Sound Processor
More results

Similar Description - BSP350

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP350 SIEMENS-BSP350 Datasheet
66Kb / 6P
MiniPROFET (High-side switch Short-circuit protection Overtemperature protection with hysteresis)
BSP450 SIEMENS-BSP450 Datasheet
65Kb / 7P
MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
BSP452 SIEMENS-BSP452 Datasheet
69Kb / 8P
MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
BSP550 SIEMENS-BSP550 Datasheet
65Kb / 7P
MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS650P SIEMENS-BTS650P Datasheet
187Kb / 16P
Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
logo
Infineon Technologies A...
BSP365 INFINEON-BSP365 Datasheet
65Kb / 6P
MiniSmart(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
05.03.96
BSP450 INFINEON-BSP450 Datasheet
76Kb / 7P
MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
BSP550 INFINEON-BSP550 Datasheet
76Kb / 7P
MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
Short circuit and overtemperature protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com