Electronic Components Datasheet Search
  English  ▼

X  

BSP350 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP350
Description  MiniPROFET(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP350 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP350 Datasheet HTML 1Page - Infineon Technologies AG BSP350 Datasheet HTML 2Page - Infineon Technologies AG BSP350 Datasheet HTML 3Page - Infineon Technologies AG BSP350 Datasheet HTML 4Page - Infineon Technologies AG BSP350 Datasheet HTML 5Page - Infineon Technologies AG BSP350 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BSP 350
Semiconductor Group
Page 2
08.04.97
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 13.5V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 2 to 3)
IL = 0.07 A, pin 1 = GND
Tj = 25°C
Tj = 150°C
Vbb = 6 V, Tj = 25°C
RON
--
--
--
4
8
5
5
10
10
Ω
Nominal load current (pin 2 to 3)
ISO Standard:
VON = Vbb - VOUT = 0.5 V
TS = 85 °C
IL(ISO)
0.07
--
--
A
Turn-on time
to 90%
VOUT
Turn-off time
to 10%
VOUT
RL = 270 Ω
ton
toff
--
--
60
70
100
140
µs
Slew rate on
10 to 30%
VOUT, RL = 270 Ω
d
V /dton
--
4
6
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 270 Ω
-d
V/dtoff
--
2
6
Input
OFF state input current
Tj = - 40...+150°C
RL = 270 Ω, VOUT ≤ 0,1V
IIN(off)
--
--
0.05
mA
ON state input current, (pin 1 grounded)
3
)
Tj = - 40...+150°C
IIN(on)
--
0.3
1
mA
Operating Parameters
Operating voltage (pin 1 grounded)
4
)
Tj = - 40...+150°C
Vbb(on)
4.9
--
45
V
Leakage current (pin 2 to 3, pin 1 open)
Tj = 25°C
Tj =150°C
Ibb(off)
--
--
1
1.2
10
10
µA
3
) Driver circuit must be capable to drive currents >1mA.
4
) Below Vbb=4.5 V typ. without chargepump, Vout ≈ Vbb - 2 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com