Electronic Components Datasheet Search
  English  ▼

X  

BSP350 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP350
Description  MiniPROFET(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP350 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP350 Datasheet HTML 1Page - Infineon Technologies AG BSP350 Datasheet HTML 2Page - Infineon Technologies AG BSP350 Datasheet HTML 3Page - Infineon Technologies AG BSP350 Datasheet HTML 4Page - Infineon Technologies AG BSP350 Datasheet HTML 5Page - Infineon Technologies AG BSP350 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BSP 350
Semiconductor Group
Page 3
08.04.97
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 13.5V unless otherwise specified
min
typ
max
Protection Functions
Current limit (pin 2 to 3)
5)
Tj = 25°C
Tj = -40...+150°
IL(SC)
0.2
0.1
0.5
--
1
1.2
A
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
20
--
K
Overvoltage protection
Tj =-40...+150°C Vbbin(AZ)
50
56
--
V
Output clamp (ind. load switch off)
at
VOUT = Vbb - VON(CL)
VON(CL)
--
56
--
V
Inductive load switch-off energy dissipation
6)
EAS
--
--
5mJ
Reverse battery resistor (pin 1 to 2)
RIN
--
1
--
k
Ω
Reverse Diode
Continious reverse drain current
Tj = 25°C IS
--
--
0.2
A
Pulsed reverse drain current
Tj = 25°C ISM
--
--
0.8
A
Diode forward on voltage
IF = 0.2 A, IIN = ≤ 0.05 mA
VSD
--
0.9
1.2
V
5
)
load current limits onset at IL * Ron approx. 1V
short circuit protection: combination of current limit and thermal overload switch off
6
)
while demagnetizing load inductance, dissipated energy is
EAS=
∫(VON(CL) * iL(t) dt,
approx.
EAS= 1/2 * L * I
2
L
* (
VON(CL)
VON(CL)-Vbb
)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com