Electronic Components Datasheet Search
  English  ▼

X  

ADC0804LCN Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC0804LCN
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCN Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC0804LCN Datasheet HTML 17Page - Texas Instruments ADC0804LCN Datasheet HTML 18Page - Texas Instruments ADC0804LCN Datasheet HTML 19Page - Texas Instruments ADC0804LCN Datasheet HTML 20Page - Texas Instruments ADC0804LCN Datasheet HTML 21Page - Texas Instruments ADC0804LCN Datasheet HTML 22Page - Texas Instruments ADC0804LCN Datasheet HTML 23Page - Texas Instruments ADC0804LCN Datasheet HTML 24Page - Texas Instruments ADC0804LCN Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
Figure 30. Mapping the ADC as an I/O Device for Use With the Z-80 CPU
Additional I/O advantages exist as software DMA routines are available and use can be made of the output data
transfer which exists on the upper 8 address lines (A8 to A15) during I/O input instructions. For example, MUX
channel selection for the ADC can be accomplished with this operating mode.
9.1.2.5 Interfacing 6800 Microprocessor Derivatives (6502, etc.)
The control bus for the 6800 microprocessor derivatives does not use the RD and WR strobe signals. Instead it
employs a single R/W line and additional timing, if needed, can be derived from the
φ2 clock. All I/O devices are
memory mapped in the 6800 system, and a special signal, VMA, indicates that the current address is valid.
Figure 36 shows an interface schematic where the ADC is memory mapped in the 6800 system. For simplicity,
the CS decoding is shown using 1/2 DM8092. Note in many 6800 systems, an already decoded 4/5 line is
brought out to the common bus at pin 21. This can be tied directly to the CS pin of the ADC, provided that no
other devices are addressed at HX ADDR: 4XXX or 5XXX.
The following subroutine performs essentially the same function as in the case of the 8080A interface and it can
be called from anywhere in the user’s program.
In Figure 38 the ADC0801 series is interfaced to the M6800 microprocessor through (the arbitrarily chosen) Port
B of the MC6820 or MC6821 Peripheral Interface Adapter, (PIA).
Here the CS pin of the ADC is grounded because the PIA is already memory mapped in the M6800 system and
no CS decoding is necessary. Also notice that the ADC output data lines are connected to the microprocessor
bus under program control through the PIA and therefore the ADC RD pin can be grounded.
A sample interface program equivalent to the previous one is shown below Figure 38. The PIA Data and Control
Registers of Port B are located at HEX addresses 8006 and 8007, respectively.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com