Electronic Components Datasheet Search
  English  ▼

X  

ADC0804LCN Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC0804LCN
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCN Datasheet(HTML) 3 Page - Texas Instruments

  ADC0804LCN Datasheet HTML 1Page - Texas Instruments ADC0804LCN Datasheet HTML 2Page - Texas Instruments ADC0804LCN Datasheet HTML 3Page - Texas Instruments ADC0804LCN Datasheet HTML 4Page - Texas Instruments ADC0804LCN Datasheet HTML 5Page - Texas Instruments ADC0804LCN Datasheet HTML 6Page - Texas Instruments ADC0804LCN Datasheet HTML 7Page - Texas Instruments ADC0804LCN Datasheet HTML 8Page - Texas Instruments ADC0804LCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
5 Pin Configuration and Functions
NFH and DW Package
20-Pin PDIP and SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
CS
I
Chip Select
2
RD
I
Read
3
WR
I
Write
4
CLK IN
I
External Clock input or use internal clock gen with external RC elements
5
INTR
O
Interrupt request
6
VIN(+)
I
Differential analog input+
7
VIN(–)
I
Differential analog input–
8
A GND
I
Analog ground pin
9
VREF/2
I
Reference voltage input for adjustment to correct full scale reading
10
D GND
I
Digital ground pin
11
DB7
O
Data bit 7
12
DB6
O
Data bit 6
13
DB5
O
Data bit 5
14
DB4
O
Data bit 4
15
DB3
O
Data bit 3
16
DB2
O
Data bit 2
17
DB1
O
Data bit 1
18
DB0 (LSB)
O
Data bit 0
19
CLK R
I
RC timing resistor input pin for internal clock gen
20
VCC (or VREF)
I
+5V supply voltage, also upper reference input to the ladder
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com