Electronic Components Datasheet Search
  English  ▼

X  

ADC0804LCN Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC0804LCN
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCN Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC0804LCN Datasheet HTML 9Page - Texas Instruments ADC0804LCN Datasheet HTML 10Page - Texas Instruments ADC0804LCN Datasheet HTML 11Page - Texas Instruments ADC0804LCN Datasheet HTML 12Page - Texas Instruments ADC0804LCN Datasheet HTML 13Page - Texas Instruments ADC0804LCN Datasheet HTML 14Page - Texas Instruments ADC0804LCN Datasheet HTML 15Page - Texas Instruments ADC0804LCN Datasheet HTML 16Page - Texas Instruments ADC0804LCN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
Feature Description (continued)
Next to each transfer function is shown the corresponding error plot. Many people may be more familiar with
error plots than transfer functions. The analog input voltage to the ADC is provided by either a linear ramp or by
the discrete output steps of a high resolution DAC. Notice that the error is continuously displayed and includes
the quantization uncertainty of the ADC. For example the error at point 1 of Figure 21 is +1
⁄2 LSB because the
digital code appeared 1
⁄2 LSB in advance of the center-value of the tread. The error plots always have a
constant negative slope and the abrupt up-side steps are always 1 LSB in magnitude.
Figure 17. Clarifying the Error Specs of an ADC Converter
Figure 16. Transfer Function of Analog Input vs Digital
Accuracy=±0 LSB: A Perfect ADC
Output Code in Ideal ADC
Figure 18. Transfer Function of Analog Input vs Digital
Figure 19. Clarifying the Error Specs of an ADC Converter
Output Code for ±1/4 LSB Accuracy ADC
Accuracy =±1
⁄4 LSB
Figure 20. Transfer Function of Analog Input vs Digital
Figure 21. Clarifying the Error Specs of an ADC Converter
Output Code for ±1/2 LSB Accuracy ADC
Accuracy = ±1
⁄2 LSB
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com