Electronic Components Datasheet Search
  English  ▼

X  

FDC2214RGHT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2214RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214RGHT Datasheet(HTML) 17 Page - Texas Instruments

Back Button FDC2214RGHT Datasheet HTML 13Page - Texas Instruments FDC2214RGHT Datasheet HTML 14Page - Texas Instruments FDC2214RGHT Datasheet HTML 15Page - Texas Instruments FDC2214RGHT Datasheet HTML 16Page - Texas Instruments FDC2214RGHT Datasheet HTML 17Page - Texas Instruments FDC2214RGHT Datasheet HTML 18Page - Texas Instruments FDC2214RGHT Datasheet HTML 19Page - Texas Instruments FDC2214RGHT Datasheet HTML 20Page - Texas Instruments FDC2214RGHT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Table 5. Settling Time Register Configuration
CHANNEL(1)
REGISTER
FIELD
CONVERSION TIME(2)
0
SETTLECOUNT_CH0, addr 0x10
CH0_SETTLECOUNT [15:0]
(CH0_SETTLECOUNT*16)/fREF0
1
SETTLECOUNT_CH1, addr 0x11
CH1_SETTLECOUNT [15:0]
(CH1_SETTLECOUNT*16)/fREF1
2
SETTLECOUNT_CH2, addr 0x12
CH2_SETTLECOUNT [15:0]
(CH2_SETTLECOUNT*16)/fREF2
3
SETTLECOUNT_CH3, addr 0x13
CH3_SETTLECOUNT [15:0]
(CH3_SETTLECOUNT*16)/fREF3
(1)
Channels 2 and 3 are available only in the FDC2114 and FDC2214.
(2)
fREFx is the reference frequency configured for the channel.
The SETTLECOUNT for any channel x must satisfy:
CHx_SETTLECOUNT > Vpk × fREFx × C × π
2 / (32 × IDRIVE
X)
where
•
Vpk = Peak oscillation amplitude at the programmed IDRIVE setting
•
fREFx = Reference frequency for Channel x
•
C = sensor capacitance including parasitic PCB capacitance
•
IDRIVEX = setting programmed into the IDRIVE register in amps
(4)
Round the result to the next highest integer (for example, if Equation 4 recommends a minimum value of
6.08, program the register to 7 or higher).
The conversion time represents the number of reference clock cycles used to measure the sensor frequency.
It is set by the CHx_RCOUNT register for the channel. The conversion time for any channel x is:
tCx = (CHx_RCOUNT ˣ 16 + 4) /fREFx
(5)
The reference count value must be chosen to support the required number of effective bits (ENOB). For
example, if an ENOB of 13 bits is required, then a minimum conversion time of 213 = 8192 clock cycles is
required. 8192 clock cycles correspond to a CHx_RCOUNT value of 0x0200.
Table 6. Conversion Time Configuration Registers, Channels 0 - 3(1)
CHANNEL
REGISTER
FIELD [ BIT(S) ]
CONVERSION TIME
0
RCOUNT_CH0, addr 0x08
CH0_RCOUNT [15:0]
(CH0_RCOUNT*16)/fREF0
1
RCOUNT_CH1, addr 0x09
CH1_RCOUNT [15:0]
(CH1_RCOUNT*16)/fREF1
2
RCOUNT_CH2, addr 0x0A
CH2_RCOUNT [15:0]
(CH2_RCOUNT*16)/fREF2
3
RCOUNT_CH3, addr 0x0B
CH3_RCOUNT [15:0]
(CH3_RCOUNT*16)/fREF3
(1)
Channels 2 and 3 are available only for FDC2114 and FDC2214.
The typical channel switch delay time between the end of conversion and the beginning of sensor activation of
the subsequent channel is:
Channel Switch Delay = 692 ns + 5 / fref
(6)
The deterministic conversion time of the FDC allows data polling at a fixed interval. For example, if the
programmed RCOUNT setting is 512 FREF cycles and SETTLECOUNT is 128 FREF cycles, then one conversion
takes 1.8ms (sensor-activation time) + 3.2ms (conversion time) + 0.75ms (channel-switch delay) = 16.75ms per
channel. If the FDC is configured for dual-channel operation by setting AUTOSCAN_EN = 1 and
RR_SEQUENCE = 00, then one full set of conversion results will be available from the data registers every
33.5ms.
A data ready flag (DRDY) is also available for interrupt driven system designs (see the STATUS register
description in Register Maps).
9.3.2.1 Gain and Offset (FDC2112, FDC2114 only)
The FDC2112 and FDC2114 have internal 16-bit data converters, but the standard conversion output word width
is only 12 bits; therefore only 12 of the 16 bits are available from the data registers. By default, the gain feature is
disabled and the DATA registers contain the 12 MSBs of the 16-bit word. However, it is possible to shift the data
output by up to 4 bits. Figure 15 illustrates the segment of the 16-bit sample that is reported for each possible
gain setting.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com