| Electronic Components Datasheet Search |
|
FDC2214RGHT Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
FDC2214RGHT Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 60 page ![]() fSENSOR3 (1) ÷ n ÷ n CH3_FREF_DIVIDER (0x17) (1) CH2_FREF_DIVIDER (0x16) (1) Int. Osc. Core tfREFt Data Output tfINTt REF_CLK_SRC (0x1A) CONFIG (0x1A) MUX_CONFIG (0x1B) ÷ n ÷ n CH1_FREF_DIVIDER (0x15) CH0_FREF_DIVIDER (0x14) tfREF0t tfREF1t tfREF2 (1)t tfREF3 (1)t ÷ m ÷ m CH3_FIN_SEL (0x17) (1) CH2_FIN_SEL (0x16) (1) tfINt ÷ m ÷ m CH1_FIN_SEL (0x15) CH0_FIN_SEL (0x14) tfIN0t tfIN1t tfIN2 (1)t tfIN3 (1)t tfCLKt CONFIG (0x1A) MUX_CONFIG (0x1B) IN2A (1) IN2B (1) IN3A (1) IN3B (1) IN1A IN1B IN0A IN0B fCLKIN CLKIN L Cap Sensor 3 (1) fSENSOR2 (1) L Cap Sensor 2 (1) fSENSOR1 L Cap Sensor 1 fSENSOR0 L Cap Sensor 0 FDC2212, FDC2214, FDC2112, FDC2114 www.ti.com SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015 Feature Description (continued) (1) FDC2114 / FDC2214 only Figure 12. Clocking Diagram In Figure 12, the key clocks are fIN, fREF, and fCLK. fCLK is selected from either the internal clock source or external clock source (CLKIN) . The frequency measurement reference clock, fREF, is derived from the fCLK source. It is recommended that precision applications use an external master clock that offers the stability and accuracy requirements needed for the application. The internal oscillator may be used in applications that require low cost and do not require high precision. The fINx clock is derived from sensor frequency for a channel x, fSENSORx. fREFx and fINx must meet the requirements listed in Table 1, depending on whether fCLK (master clock) is the internal or external clock. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |