Electronic Components Datasheet Search
  English  ▼

X  

FDC2214RGHT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2214RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214RGHT Datasheet(HTML) 14 Page - Texas Instruments

Back Button FDC2214RGHT Datasheet HTML 10Page - Texas Instruments FDC2214RGHT Datasheet HTML 11Page - Texas Instruments FDC2214RGHT Datasheet HTML 12Page - Texas Instruments FDC2214RGHT Datasheet HTML 13Page - Texas Instruments FDC2214RGHT Datasheet HTML 14Page - Texas Instruments FDC2214RGHT Datasheet HTML 15Page - Texas Instruments FDC2214RGHT Datasheet HTML 16Page - Texas Instruments FDC2214RGHT Datasheet HTML 17Page - Texas Instruments FDC2214RGHT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
Table 1. Clock Configuration Requirements
SET
VALID fREFx
VALID fINx
SET CHx_FIN_SEL
SET
MODE(1)
CLKIN SOURCE
CHx_SETTLECO
RANGE (MHz)
RANGE
to (2)
CHx_RCOUNT to
UNT to
Multi-channel
Internal
fREFx ≤ 55
Differential sensor
configuration:
External
fREFx ≤ 40
b01: 0.01MHz to
Single-channel
Either external or
fREFx ≤ 35
8.75MHz (divide by 1)
internal
b10: 5MHz to 10MHz
< fREFx /4
> 3
> 8
(divide by 2)
Single-ended sensor
configuration
b10: 0.01MHz to
10MHz (divide by 2)
(1)
Channels 2 and 3 are only available for FDC2114 and FDC2214.
(2)
Refer to Sensor Configuration for information on differential and single-ended sensor configurations.
Table 2 shows the clock configuration registers for all channels.
Table 2. Clock Configuration Registers
CHANNEL(1)
CLOCK
REGISTER
FIELD [ BIT(S) ]
VALUE
fCLK = Master
CONFIG, addr
REF_CLK_SRC [9]
b0 = internal oscillator is used as the
Clock Source
0x1A
master clock
All
b1 = external clock source is used as the
master clock
fREF0
CLOCK_DIVIDER
CH0_FREF_DIVIDER [9:0]
fREF0 = fCLK / CH0_FREF_DIVIDER
0
S_CH0, addr 0x14
fREF1
CLOCK_DIVIDER
CH1_FREF_DIVIDER [9:0]
fREF1 = fCLK / CH1_FREF_DIVIDER
1
S_CH1, addr 0x15
fREF2
CLOCK_DIVIDER
CH2_FREF_DIVIDER [9:0]
fREF2 = fCLK / CH2_FREF_DIVIDER
2
S_CH2, addr 0x16
fREF3
CLOCK_DIVIDER
CH3_FREF_DIVIDER [9:0]
fREF3 = fCLK / CH3_FREF_DIVIDER
3
S_CH3, addr 0x17
fIN0
CLOCK_DIVIDER
CH0_FIN_SEL [13:12]
fIN0 = fSENSOR0 / CH0_FIN_SEL
0
S_CH0, addr 0x14
fIN1
CLOCK_DIVIDER
CH1_FIN_SEL [13:12]
fIN1 = fSENSOR1 / CH1_FIN_SEL
1
S_CH1, addr 0x15
fIN2
CLOCK_DIVIDER
CH2_FIN_SEL [13:12]
fIN2 = fSENSOR2 / CH2_FIN_SEL
2
S_CH2, addr 0x16
fIN3
CLOCK_DIVIDER
CH3_FIN_SEL [13:12]
fIN3 = fSENSOR3 / CH3_FIN_SEL
3
S_CH3, addr 0x17
(1)
Channels 2 and 3 are only available for FDC2114 and FDC2214
9.3.2 Multi-Channel and Single-Channel Operation
The multi-channel package of the FDC enables the user to save board space and support flexible system design.
For example, temperature drift can often cause a shift in component values, resulting in a shift in resonant
frequency of the sensor. Using a second sensor as a reference provides the capability to cancel out a
temperature shift. When operated in multi-channel mode, the FDC sequentially samples the active channels. In
single-channel mode, the FDC samples a single channel, which is selectable. Table 3 shows the registers and
values that are used to configure either multi-channel or single-channel modes.
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com